Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APS2424 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. APS2424
Description  PowerVerter® APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

APS2424 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Overload protection
Includes 30A input breaker dedicated to the charging system and 20A output breaker for AC output loads
Outlet quantity / type
Hardwire
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
DC INPUT: Requires 24VDC input source capable of delivering 112A for the required duration (when used at full
continuous capacity - DC requirements increase during Over-Power and Double-Boost operation).
Maximum input amps / watts
DC INPUT: Full continuous load - 112A at 24VDC. AC INPUT: 44 amps at 120VAC with full inverter and charger
load (24A max charger-only / combined input load to support charger and AC output is automatically controllable to
66%-33%-0% based on AC output load
Input connection type
DC INPUT: Set of 2 DC bolt-down terminals. AC INPUT: Hardwire via built in junction box with cover plate
Voltage compatibility (VAC)
120
Voltage compatibility (VDC)
24
BATTERY
Expandable battery runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC system voltage (VDC)
24
Battery Pack Accessory (optional)
98-121 sealed lead acid battery (optional)
Battery charge
14A/55A (selectable)
LEDS ALARMS & SWITCHES
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with optional APSRM4 accessory when used in
inverter mode. In AC uninterruptible power mode, "auto/remote" setting enables automatic transfer from line power
to battery power - to maintain continuous AC power to connected loads.
Front panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
SURGE / NOISE SUPPRESSION
AC suppression joule rating
600
PHYSICAL
Shipping Dimensions (HWD/in)
13.5 x 15 x 21.5
Shipping Dimensions (HWD/cm)
34.29 x 38.1 x 54.61
Shipping weight (lbs)
42
Shipping weight (kg)
19.1
Unit Dimensions (HWD/in)
7.25 x 8.5 x 16.25
Unit Dimensions (HWD/cm)
18.42 x 21.59 x 41.28
Unit weight (lbs)
39
Unit weight (kg)
17.7
3 / 5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn