Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APS2424 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. APS2424
Description  PowerVerter® APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

APS2424 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
16.6 millisecond automatic transfer between line and battery power supports UPS protection during blackouts and voltage fluctuations for equipment
compatible with a one cycle transfer time
2400 watts continuous AC output in inverter mode, 2400 watts continuous AC output in AC mode
Double Boost inverter output supports momentary startup loads up to 200% of the continuous rating for up to 10 seconds
OverPower inverter output supports longer duration overloads to 150% for 1-60 minutes under ideal battery and temperature conditions. (For best results,
utilize OverPower usage for as short of a duration as possible, ensure battery bank and cabling is able to provide full nominal DC voltage under load and
allow inverter/charger to fully cool before and after OverPower usage.)
3 stage, 14/55 amp battery charger with adjustable settings for wet/gel battery types offers fast, reliable battery recharging
Protected hardwire bolt-down input lugs safely accept heavy gauge input wiring from attached battery bank
Protected hardwire output passes 120V line power or inverter output through to connected equipment
Reliability enhanced large-transformer design with secure mounting flanges and protected DC wiring terminals
Moisture-resistant construction enables vehicular or marine operation in high humidity environments
3 position operating mode switch supports "AUTO" mode to enable automatic transfer between DC and AC modes, CHARGE-ONLY to maintain a full
battery charge when AC is present without auto transfer and SYSTEM OFF settings.
Set of six front panel LEDs display AC/DC operational modes, overload status, DC voltage level, shutdown status and system fault status
Set of 4 configuration dipswitches support wet/gel battery charging profiles, adjustable 135/145V high voltage auto transfer during overvoltages and
selectable 75/85/95/105V AC low voltage auto transfer during brownouts
Set of 4 additional configuration dipswitches support 4 levels of charger limiting relative to output load size, a battery equalization program and battery
charger low/high settings
Resettable 30A charger AC input breaker and resettable 20A AC output breaker and automatic 2 speed cooling fan protect the inverter from load and
temperature related failures
Grounding lug properly connects the inverter/charger system to earth ground or vehicle grounding system
Automatic overload and thermal shutoff safely turns off inverter as excessive loads or overheating conditions develop
Front panel remote control connector enables remote off/on switching (requires APSRM4 switch accessory). Optional APSRM4 accessory also includes
user configurable jacks to support inverter shutoff or startup as a vehicle ignition is engaged
Load sensing control dial enables adjustable load threshold required to automatically turn the inverter on and off in DC mode as load conditions change
Specifications
OVERVIEW
Intended Application
Emergency Home Power (Sump Pumps, Furnace Motors, Computers, Lighting & Radios)
OUTPUT
Frequency compatibility
60 Hz
Output watts
2400
Continuous output capacity (watts)
2400
Peak output capacity (watts)
4800
Output nominal voltage
120V
Output voltage regulation
LINE POWER (AC): Maintains 120V nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains PWM sine wave output voltage of 120 V AC (+/-5%).
Output frequency regulation
60 Hz (+/- 0.3 Hz)
2 / 5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn