Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFATM6P Datasheet(PDF) 3 Page - XFMRS Inc.

Part # XFATM6P
Description  HIGH SPEED SMT MAGNETIC MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFATM6P Datasheet(HTML) 3 Page - XFMRS Inc.

  XFATM6P Datasheet HTML 1Page - XFMRS Inc. XFATM6P Datasheet HTML 2Page - XFMRS Inc. XFATM6P Datasheet HTML 3Page - XFMRS Inc. XFATM6P Datasheet HTML 4Page - XFMRS Inc. XFATM6P Datasheet HTML 5Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
3
Schematics:
HIGH SPEED SMT MAGNETIC MODULES
FOR 10/100BASE-TX APPLICATIONS
Dimensions:
Electrical Specifications:
SEE FOLLOWING PAGE
MEETS OPEN CIRCUIT INDUCTANCE (OCL) SPECIFICATIONS OF 350uH MIN WITH 8mA DC BIAS FROM
0-70oC
DESIGNS AVAILABLE FOR ALL 10/100BASE-TX PHY CHIPS
CUSTOM DESIGNS AVAILABLE INCLUDING THROUGH HOLE AND COMBOS
XF6611TXP
XF6611TX1P
XF6611TX2P
XF6612TXP
XF6612TX1P
XF6612TX2P
XF6692TXP
XF6692TX1P
XF6694TXP
XF6694TX2P
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1:1
1:1:1
1:1:1CT
1:1
1.25CT:1CT
1.25CT:1CT
1.25CT:1CT
1.41CT:1CT
1.41CT:1CT
1.41CT:1CT
2CT:1
2CT:1
2CT:1CT
1:2CT
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-16
-16
-16
-16
-16
-16
-15
-15
-15
-15
-12
-12
-12
-12
-12
-12
-15
-15
-15
-15
-10
-10
-10
-10
-10
-10
-15
-15
-15
-15
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-35
-35
-35
-35
-35
-35
-40
-40
-40
-40
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
Part
Number
Turns Ration
(+/-5%)
Receive
Return Loss
(dB TYP)
Crosstalk
(dB MAX)
Hipot
(Vrms MIN)
30 MHz 60 MHz
80 MHz
32 MHz
62 MHz
100 MHz
-35
-35
-35
-35
-35
-35
-40
-40
-40
-40
Transmit
Insertion Loss
100KHz-100MHz
(dB TYP)


Similar Part No. - XFATM6P

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM6P XFMRS-XFATM6P Datasheet
217Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM6P XFMRS-XFATM6P Datasheet
50Kb / 1P
   10/100BASE-TX Filter Modules
XFATM6P XFMRS-XFATM6P Datasheet
50Kb / 1P
   10/100BASE-TX Filter Modules
XFATM6P-C1-4MS XFMRS-XFATM6P-C1-4MS Datasheet
100Kb / 2P
   SINGLE PORT COMBO
XFATM6P-C1-4MS XFMRS-XFATM6P-C1-4MS Datasheet
100Kb / 2P
   SINGLE PORT COMBO
More results

Similar Description - XFATM6P

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2101 XFMRS-2101_15 Datasheet
172Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES
2031 XFMRS-2031_15 Datasheet
118Kb / 2P
   HIGH SPEED SMT MAGNETIC MODULES
2033 XFMRS-2033 Datasheet
141Kb / 3P
   HIGH SPEED SMT MAGNETIC MODULES
2033 XFMRS-2033_15 Datasheet
141Kb / 3P
   HIGH SPEED SMT MAGNETIC MODULES
2031 XFMRS-2031 Datasheet
118Kb / 2P
   HIGH SPEED SMT MAGNETIC MODULES
2101 XFMRS-2101 Datasheet
172Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES
2100 XFMRS-2100_15 Datasheet
217Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES
XF6611TX XFMRS-XF6611TX Datasheet
141Kb / 3P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2 XFMRS-XFATM2 Datasheet
118Kb / 1P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2B XFMRS-XFATM2B Datasheet
172Kb / 1P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com