Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF15061A Datasheet(PDF) 2 Page - XFMRS Inc.

Part # XF15061A
Description  10 BASE T MAGNETICS ISOLATION MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF15061A Datasheet(HTML) 2 Page - XFMRS Inc.

  XF15061A Datasheet HTML 1Page - XFMRS Inc. XF15061A Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
2
PACKAGE STYLE A
1.000 MAX
[25.40] MAX
.100 +/- .010
[2.54 +/- .25]
.300 +/- .010
[7.62 +/- .254]
.200 MIN
[5.08 MIN]
.200 MAX
[5.08 MAX]
.385 MAX
[9.77 MAX]
#24 AWG
SOLDER PLATED
1
16
9
8
PACKAGE STYLE C
.35 +/- .01
.015
.004
.200
MAX
.012
.008
.025
.016
4
0
NOM
.018 +/- .002
.285
MAX
.375
.350
.500
MAX
.050 TYP
PACKAGE STYLE B
PACKAGE STYLE C
PACKAGE STYLE B
XFMRS XXXX
XFMRS XXXX
.010
[0.25]
.280
[7.11]
.20 MAX
[5.08]
.340
[8.64]


Similar Part No. - XF15061A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF15061A XFMRS-XF15061A Datasheet
49Kb / 1P
   10 BASE ISOLATION MAGNETICS
XF15061A XFMRS-XF15061A Datasheet
45Kb / 2P
   10 BASE T MAGNETICS ISOLATION MAGNETICS
XF15061A XFMRS-XF15061A Datasheet
49Kb / 1P
   10 BASE ISOLATION MAGNETICS
XF15061A XFMRS-XF15061A_15 Datasheet
49Kb / 1P
   10 BASE ISOLATION MAGNETICS
More results

Similar Description - XF15061A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF05061A XFMRS-XF05061A Datasheet
45Kb / 2P
   10 BASE T MAGNETICS ISOLATION MAGNETICS
XF150667B XFMRS-XF150667B_15 Datasheet
62Kb / 1P
   10 BASE T ISOLATION MAGNETICS
XF200669B XFMRS-XF200669B_15 Datasheet
94Kb / 1P
   10 BASE T ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2_15 Datasheet
61Kb / 1P
   10 BASE T ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2 Datasheet
61Kb / 1P
   10 BASE T-ISOLATION MAGNETICS
XF20066B XFMRS-XF20066B Datasheet
46Kb / 1P
   10 BASE T ISOLATION MAGNETICS
X20064B1 XFMRS-X20064B1 Datasheet
52Kb / 1P
   10 BASE T-ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2 Datasheet
61Kb / 1P
   10 BASE T-ISOLATION MAGNETICS
XF20065A XFMRS-XF20065A Datasheet
133Kb / 1P
   10 BASE T ISOLATION MAGNETICS
XF20066B XFMRS-XF20066B Datasheet
56Kb / 1P
   10 BASE T ISOLATION MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com