Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF6006-11 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF6006-11
Description  PRI TRANSFORMERS Reinforced Insulation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF6006-11 Datasheet(HTML) 1 Page - XFMRS Inc.

  XF6006-11 Datasheet HTML 1Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
T1/CEPT/ISDN-PRI TRANSFORMERS
Reinforced Insulation, 3 KVrms
• UL 1950 RECOGNIZED
• DESIGNED TO MEET ITU-T G.703
• FOR T1/CEPT LINE INTERFACES
• MATCHED TO LEADING TRANCEIVER ICS
• CERTIFIED FOR REINFORCED INSULATION PER EN41003/EN60950
1:1:1.58
1:1:2
1:1.36CT
1CT:2CT
1:1
1CT:2CT
1CT:3CT:1
1:1.08/1.36
1:1.14CT
1:1/1.26
1:1.58/2
1CT:1.41CT
.800
.800
1.20
1.20
1.20
1.20
.600
1.50
1.50
1.50
1.50
1.20
0.35
0.45
0.90
0.90
0.50
1.10
1.70
0.90
0.90
1.10
1.20
0.80
PART
NUMBER
TURNS
RATIO
(±5%)
XF8006-11
XF8006-12
XF0013-21
XF0013-41
XF0013-11
XF0013-31
XF6006-11
XF0013-51
XF0013-61
XF0013-71
XF0013-81
XF0013-91
ELECTRICAL SPECIFICATIONS: @ 25oC-OPERATING TEMPERATURE 0OC TO 700C
PACKAGE/
SCHEMATIC
C
C
D
A
B
A
E
D
D
D
D
A
DCR
sec
(W MAX)
DCR
pri
(W MAX)
0.50
0.50
0.70
0.50
0.50
0.70
0.70
0.70
0.70
0.70
0.70
0.60
LL
(uH MAX)
0.70
0.70
0.60
0.30-0.55
0.50
0.80
0.80
0.60
1.00
0.60
0.70
0.80
Cw/w
(pF MAX)
15
15
35
20
20
15
30
20
30
35
20
20
OCL
(mH MIN)
MECHANICAL DIMENSIONS:
SCHEMATIC:
PRIMAR
PRIMAR
PRIMAR
PRIMAR
PRIMARY
Y
Y
Y
Y
PINS
PINS
PINS
PINS
PINS
1-5
1-5
10-6
1-5
1-5
1-5
1-3
10-6
10-6
10-6
10-6
10-6


Similar Part No. - XF6006-11

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6006-11 XFMRS-XF6006-11 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS Reinforced Insulation, 3 KVrms
More results

Similar Description - XF6006-11

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
XF8006-11 XFMRS-XF8006-11 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS Reinforced Insulation, 3 KVrms
logo
Rhombus Industries Inc.
T-13611 RHOMBUS-IND-T-13611 Datasheet
54Kb / 1P
   T1 / CEPT / ISDN-PRI Reinforced Insulation
logo
Premier Magnetics, Inc.
PM-T1030 PMI-PM-T1030 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-IS30 PMI-PM-IS30 Datasheet
40Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED THRU-HOLE TRANSFORMERS
logo
XFMRS Inc.
3XF0013-W13 XFMRS-3XF0013-W13_15 Datasheet
66Kb / 1P
   ISDN-PRI REINFORCED
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com