Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9128 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G9128
Description  InGaAs PIN photodiode with preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9128 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G9128 Datasheet HTML 1Page - Hamamatsu Corporation G9128 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G9128/G9129/G9130/G9131
series
Features
Applications
PHOTODIODE
InGaAs PIN photodiode with preamp
l Wide dynamic range
G9128 series (156 Mbps) : -37 to -5 dBm Typ.
G9129 series (622 Mbps) : -32 to -5 dBm Typ.
G9130 series (1.25 Gbps) : -25 to -1 dBm Typ.
G9131 series (2.5 Gbps) : -22 to +1 dBm Typ.
l Supply voltage
G9128/G9129 series: 3.3 V
G9130/G9131 series: 3.3 V, 5 V
l Small size
l Differential output
l Flame retardant optical fiber
l Optical fiber communications
l SDH/SONET
MINI-DIL type, 1.3/1.55
µm, 156, 622 Mbps/1.25, 2.5 Gbps
PRELIMINARY DATA
Jan. 2003
1
I Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
G9128 series
G9129 series
G9130 series
G9131 series
Unit
Supply voltage
Vcc
-0.3, +3.8
-0.3, +3.8
-0.3, +5.5
-0.5, +6
V
Reverse voltage
(photodiode)
Vpd
20
-
20
20
V
Operating temperature Topr
-40 to +85
°C
Storage temperature
Tstg
-40 to +85
°C
I Specifications (Typ. Ta=25 °C, Vpd=3.3 V, Vee=0 V, capacitive coupling, l=1.31 µm, unless otherwise noted)
G9128
series
G9129
series
G9130
series
G9131
series
Parameter
Symbol
Condition
Vcc=3.3 V
RL=500 W *1
Vcc=3.3 V
RL=500 W *1
Vcc=3.3/5 V
RL=50 W
Vcc=3.3/5 V
RL=50 W
Unit
Photo sensitivity
S
*2, *3
27
17
2.8
1.1
V/mW
Supply current
Icc
dark state, RL
25
30
35
35 (Vcc=3.3 V)
mA
Output bias voltage
Vo
dark state, RL
1.5
1.65
Vcc - 1.7
Vcc - 0.25
V
Cut-off frequency
fc
*3 -3 dB
120 M
550 M
1 G
2 G
Hz
Low frequency cut-off
fc-L *3 -3 dB
15
60
DC
30
kHz
Data rate
B
156 M
622 M
1.25 G
2.5 G
bps
*1: G9128/G9129 should be used with a load resistance larger than 500 W.
*2: Single ended (Vout+) measurement
*3: G9128/G9129 series: Pin= -30 dBm
G9130 series: Pin= -22 dBm
G9131 series: Pin= -17 dBm
I Package lineup
G9128, G9129, G9130, G9131
Structure
-21
-22
-23
-24
Module
Mounting style
Board
Type
SM (9.5/125) f0.9
Fiber
Length
1 m +20 cm/-0 cm
Type
SC
FC
MU
LC
Connector Dimensional outline
➀➁➂


Similar Part No. - G9128

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G912 GMT-G912 Datasheet
38Kb / 1P
   1.2V 1A Regulator
G9125 GMT-G9125 Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
G9125TF1T GMT-G9125TF1T Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
G9125TF1TF GMT-G9125TF1TF Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
G9125TF1U GMT-G9125TF1U Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
More results

Similar Description - G9128

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
   InGaAs PIN photodiode with preamp
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
   InGaAs PIN photodiode with preamp
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
   InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
   InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
   InGaAs PIN photodiodes with preamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com