Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9052-03 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9052-03
Description  Si photodiode evaluation circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9052-03 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9052-03 Datasheet HTML 1Page - Hamamatsu Corporation C9052-03 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
MODULE
Si photodiode evaluation circuit
Easy-to-use circuit for Si photodiode operation
C9052 series
PRELIMINARY DATA
Aug. 2002
l Allows easy evaluation of standard Si photodiodes
l On-board circuit examples for typical applications of
Si photodiodes
l Multiple circuits assembled on one board
l Support board (C9052-04 with dedicated cable
A9053) for processing output signals from head board
(C9052-01/-02/-03 with dedicated cable A9053-01)
l Testing and evaluation of standard Si photodiodes
l Simple optical power meters
1
I Absolute maximum rating
Parameter
Symbol
C9052-01
C9052-02
C9052-03
C9052-04
Unit
Maximum supply voltage
Vcc Max.
±15
+15
+12
V
Operating temperature
Topr
+10 to +40
°C
Storage temperature
Tstg
0 to +50
°C

Low noise AC amplifier circuit, photocurrent-to-voltage conversion circuit and wide band amplifier circuit on one board
Circuit configuration
Features
Low noise AC amplifier circuit Low noise AC amplifier circuit using FET, bandwidth 160 to 1 MHz, trans-impedance 15 kV/A
Photocurrent-to-voltage
conversion circuit
Current-to-voltage conversion circuit with bandwidth of DC to 100 kHz and feedback resistance
of 100 kW
Wide band amplifier circuit
Amplifier circuit with bandwidth of DC to 1 MHz and trans-impedance of 30 kV/A
<Usable photodiodes>
Standard Si PIN photodiodes with metal package (TO-18, TO-5, TO-8): S5821 series, etc.
Light balance detection circuit, light-to-logarithmic voltage conversion circuit and light integration circuit on one board
Circuit configuration
Features
Light balance detection circuit Detects output balance between two photodiodes when light enters them and outputs the light
level difference as a voltage.
Light-to-logarithmic voltage
conversion circuit
Outputs a voltage in proportion to logarithmic change in detected light level
Light integration circuit
Converts input pulsed light of constant cycle into DC signal. Controlled by external integration
reset pulses.
<Usable photodiodes>
Standard Si photodiodes with metal package (TO-18, TO-5, TO-8): S2386 series, etc.
Standard Si photodiodes with ceramic package (except -16BQ/-16BK/-16BR types): S1337-1010BR, S1227-1010BR, etc.
Two types of light-to-frequency conversion circuits assembled on one board
Circuit configuration
Features
High illuminance type
Interface circuit that outputs pulses at frequency proportional to input light from 100 to 10,000 lx.
Low illuminance type
Interface circuit that outputs pulses at frequency proportional to input light from 1 to 200 lx.
<Usable photodiodes>
S1087 (high illuminance type), S2386-5K (low illuminance type)
C9052-03
C9052-02
C9052-01


Similar Part No. - C9052-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C9051 HAMAMATSU-C9051_15 Datasheet
126Kb / 3P
   Small on-board type current-to-voltage conversion amp
logo
Kemet Corporation
C905U152MYVDBA7317 KEMET-C905U152MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 1500 pF, 20%, Y5V, Lead Spacing = 5mm
C905U152MYVDBAWL35 KEMET-C905U152MYVDBAWL35 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 1500 pF, 20%, Y5V, Lead Spacing = 5mm
More results

Similar Description - C9052-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9004 HAMAMATSU-C9004 Datasheet
156Kb / 2P
   Driver circuit for Si photodiode array
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
   Si photodiode
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
   Si photodiode
logo
Roithner LaserTechnik G...
IQ80XL ROITHNER-IQ80XL Datasheet
177Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
   Si photodiode
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
   Si photodiode
S1087 HAMAMATSU-S1087 Datasheet
152Kb / 4P
   Si photodiode
S7686 HAMAMATSU-S7686_15 Datasheet
191Kb / 4P
   Si photodiode
S4349 HAMAMATSU-S4349_15 Datasheet
200Kb / 4P
   Si photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com