Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMA42M Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GMA42M
Description  N P N P L A S T I - E N C A P S U L AT E T R A N S I S T O R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GMA42M Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GMA42M Datasheet HTML 1Page - E-Tech Electronics LTD GMA42M Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GMA42M
1/2
ISSUED DATE :2004/12/03
REVISED DATE :
G
G M
M A
A4422M
M
N
N P
P N
N P
P L
L A
A S
S T
T II -- E
E N
N C
C A
A P
P S
S U
U L
L A
A T
T E
E T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMA42M is designed for application requires for high voltage.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
300
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current
IC
500
mA
PD
500
mW
Total Device Dissipation FR-5 Board(Note1)
PD(Derate above 25 : )
4.0
mW/ :
Thermal Resistance, Junction to Ambient
(1)
R JA
250
: /W
Note 1: FR-5=1.0*0.75*0.062in
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
300
-
-
V
IC=100uA
BVCEO
300
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=100uA
ICBO
-
-
250
nA
VCB=200V
IEBO
-
-
100
nA
VEB=5V
VCE(sat)
-
-
200
mV
IC=20mA, IB=2mA
VBE(sat)
-
-
900
mV
IC=20mA, IB=2mA
hFE1
60
-
-
VCE=10V, IC=1mA
hFE2
80
-
250
VCE=10V, IC=10mA
hFE3
75
-
-
VCE=10V, IC=30mA
fT
50
-
-
MHZ
VCE=20V,IC=10mA,f=30MHZ
Classification Of hFE2
Rank
A
B1
B2
C
hFE
80-100
100-150
150-200
200-250
SOT-89


Similar Part No. - GMA42M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMA42M ETC2-GMA42M Datasheet
245Kb / 2P
   NPN PLASTI-ENCAPSULATE TRANSISTOR
logo
GTM CORPORATION
GMA42M GTM-GMA42M Datasheet
245Kb / 2P
   NPN PLASTI-ENCAPSULATE TRANSISTOR
More results

Similar Description - GMA42M

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GJ1182 ETL-GJ1182 Datasheet
282Kb / 2P
   P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GI1182 ETL-GI1182 Datasheet
283Kb / 2P
   P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GI1202 ETL-GI1202 Datasheet
366Kb / 3P
   P N P E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GJSD1802 ETL-GJSD1802 Datasheet
496Kb / 3P
   N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GJ1202 ETL-GJ1202 Datasheet
369Kb / 3P
   P N P E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GISD1803 ETL-GISD1803 Datasheet
276Kb / 3P
   N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GISD1804 ETL-GISD1804 Datasheet
242Kb / 3P
   N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GJ5706 ETL-GJ5706 Datasheet
933Kb / 3P
   N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GJSD1804 ETL-GJSD1804 Datasheet
197Kb / 3P
   N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GSD1624 ETL-GSD1624 Datasheet
542Kb / 3P
   N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com