Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41772-0484 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 41772-0484
Description  KK짰396 Header, Right-Angle, without Peg, 6 Circuits, 0.76um Gold (Au) Selective Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

41772-0484 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  41772-0484 Datasheet HTML 1Page - Molex Electronics Ltd. 41772-0484 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
41772-0484
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 396 Header, Right-Angle, without Peg, 6 Circuits, 0.76µm Gold (Au) Selective
Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41772
Application
Board-to-Board, Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
756054606346
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
2.160/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.56mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
Yes
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41772Series
Mates With
2139 KK® Crimp Housing, 41695 KK®
Crimp Housing, 6442 KK® Crimp Housing,
2145 PCB Connector, 41815 PCB
Connector, 3069 KK® Crimp Housing


Similar Part No. - 41772-0484

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41772-0484 MOLEX5-41772-0484 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 6 Circuits
More results

Similar Description - 41772-0484

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41772-0495 MOLEX11-41772-0495 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 17 Circuits, 0.76um Gold (Au) Selective Plating
41772-0483 MOLEX11-41772-0483 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 5 Circuits, 0.76um Gold (Au) Selective Plating
41772-0481 MOLEX11-41772-0481 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 3 Circuits, 0.76um Gold (Au) Selective Plating
41662-0028 MOLEX11-41662-0028 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 6 Circuits, 0.76um Gold (Au) Selective Plating
41771-0918 MOLEX11-41771-0918 Datasheet
64Kb / 2P
   KK 396 Header, Vertical, without Peg, 4 Circuits, 0.76um Gold (Au) Selective Plating
41771-0917 MOLEX11-41771-0917 Datasheet
64Kb / 2P
   KK 396 Header, Vertical, without Peg, 3 Circuits, 0.76um Gold (Au) Selective Plating
41671-0028 MOLEX11-41671-0028 Datasheet
68Kb / 2P
   KK짰396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 6 Circuits, 0.76um Gold (Au) Selective Plating
26-61-3060 MOLEX11-26-61-3060 Datasheet
64Kb / 2P
   KK짰 396 Header, Right-Angle, without Peg, 6 Circuits, Gold (Au) Plating
41772-0469 MOLEX11-41772-0469 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 8 Circuits, 0.38um Gold (Au) Selective Plating
41772-0468 MOLEX11-41772-0468 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 7 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com