Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH-T150A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SH-T150A
Description  Shunt Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SH-T150A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SH-T150A Datasheet HTML 1Page - List of Unclassifed Manufacturers SH-T150A Datasheet HTML 2Page - List of Unclassifed Manufacturers SH-T150A Datasheet HTML 3Page - List of Unclassifed Manufacturers SH-T150A Datasheet HTML 4Page - List of Unclassifed Manufacturers SH-T150A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Website : http://www.raraohm.com Email : sg@raraohm.com
DEC 26, 2013
SH-T 750A—1200A
Model
Dimensions(mm)
25mV
50mV
60mV
75mV
100mV
Common
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
D
750A
100
75
23
112
80
35
117
85
40
126 100
49
146 120
69
76
800A
1000A
96
1200A
SH-T 1500A—2500A
Model
Dimensions(mm)
25mV
50mV
60mV
75mV
100mV
Common
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
D
E
1500A
164 134
24
176 146
36
181 150
41
190 160
50
210 180
70
95
50
2000A
2500A
110
55
SH-T 2500A
Model
Dimensions(mm)
25mV
50mV
60mV
75mV
100mV
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
2500A
298
133
24
311
146
37
317
152
43
325
160
51
338
173
64


Similar Part No. - SH-T150A

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
SH-T DONGYA-SH-T Datasheet
993Kb / 3P
   Shunt
More results

Similar Description - SH-T150A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSR-1 ETC-RSR-1 Datasheet
532Kb / 2P
   SHUNT RESISTORS
SH-L ETC-SH-L Datasheet
296Kb / 2P
   Shunt Resistors
SH-FM ETC-SH-FM Datasheet
233Kb / 1P
   Shunt Resistors
logo
Riedon Powertron
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
FPR2-1617 RIEDON-FPR2-1617 Datasheet
358Kb / 3P
   Precision Shunt Resistors
logo
American Accurate Compo...
SR1-0160FZM AAC-SR1-0160FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
logo
Riedon Powertron
FHR2-3025 RIEDON-FHR2-3025_13 Datasheet
280Kb / 4P
   Precision Shunt Resistors
FPR2A-0R5F1 RIEDON-FPR2A-0R5F1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com