Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SH-T
Description  Shunt Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SH-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SH-T Datasheet HTML 1Page - List of Unclassifed Manufacturers SH-T Datasheet HTML 2Page - List of Unclassifed Manufacturers SH-T Datasheet HTML 3Page - List of Unclassifed Manufacturers SH-T Datasheet HTML 4Page - List of Unclassifed Manufacturers SH-T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.com Email : sg@raraohm.com
SH-T Series Shunt Resistors
USE :
The interchangeable shunts are used to multiply the
measuring range of current of measuring instruments.
APPLICATION :
For Telecommunications equipment, Electric cars, Aerospace,
Charging station, Electroplating Power Equipment, Instrument
and meter, Dc power system, etc.
■ GENERAL SPECIFICATIONS
Model
Rated Current[A]
Rated Voltage[mV]
Resistance Range[mΩ]
SH-T
50A~12000A
1~50
51~2500
2501~12000
10~800
10~300
10~100
10 ~ 16
0.2 ~ 0.12
0.004 ~ 0.0083
■ CHARACTERISTICS
Ambient condition
-25℃~40℃
Relative humidity
80%(35℃)
■ DIMENSIONS
SH-T 50A—600A
Model
Dimensions(mm)
25mV
50mV
60mV
75mV
100mV
Common
A
B
C
A
B
C
A
B
C
A
B
C
A
B
C
D
50A
100
75
23
112
80
35
117
85
40
117
85
40
146 120
69
22
100A
150A
200A
300A
126 100
49
26
400A
36
500A
46
600A
56


Similar Part No. - SH-T

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
SH-T DONGYA-SH-T Datasheet
993Kb / 3P
   Shunt
More results

Similar Description - SH-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSR-1 ETC-RSR-1 Datasheet
532Kb / 2P
   SHUNT RESISTORS
SH-L ETC-SH-L Datasheet
296Kb / 2P
   Shunt Resistors
SH-FM ETC-SH-FM Datasheet
233Kb / 1P
   Shunt Resistors
logo
Riedon Powertron
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
FPR2-1617 RIEDON-FPR2-1617 Datasheet
358Kb / 3P
   Precision Shunt Resistors
logo
American Accurate Compo...
SR1-0160FZM AAC-SR1-0160FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
logo
Riedon Powertron
FHR2-3025 RIEDON-FHR2-3025_13 Datasheet
280Kb / 4P
   Precision Shunt Resistors
FPR2A-0R5F1 RIEDON-FPR2A-0R5F1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com