Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3H-1003T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R3H-1003T
Description  NEUTRAL GROUNDING RESISTORS LOAD BANKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R3H-1003T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R3H-1003T Datasheet HTML 1Page - List of Unclassifed Manufacturers R3H-1003T Datasheet HTML 2Page - List of Unclassifed Manufacturers R3H-1003T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Website : http://www.raraohm.com Email : sg@raraohm.com
AISI-304 Neutral Grounding Resistors
RATED VOLTAGE
(Line to Neutral)
440/√3V
3.3/√3kV
3.45/√3kV
RATED CURRENT
TEMP. RISE(℃)
10SEC
30SEC
10SEC
30SEC
`
750
GRL-501S
GRL-503S
GR3H-501S
GR3H-503S
350
GRL-501T
GRL-503T
GR3H-501T
GR3H-503T
100A
750
GRL-1001S
GRL-1003S
GR3H-1001S
GR3H-1003S
350
GRL-1001T
GRL-1003T
GR3H-1001T
GR3H-1003T
200A
750
GR3H-2001S
GR3H-2003S
350
GR3H-2001T
GR3H-2003T
300A
750
350
400A
750
350
500A
750
350
RATED VOLTAGE
(Line to Neutral)
6.6/√3kV
6.9/√3kV
22/√3kV
22.9/√3kV
RATED CURRENT
TEMP. RISE(℃)
10SEC
30SEC
10SEC
30SEC
50A
750
GR7H-501S
GR7H-503S
GR24H-501S
GR24H-503S
350
GR7H-501T
GR7H-503T
GR24H-501T
GR24H-503T
100A
750
GR7H-1001S
GR7H-1003S
GR24H-1001S
GR24H-1003S
350
GR7H-1001T
GR7H-1003T
GR24H-1001T
GR24H-1003T
200A
750
GR7H-2001S
GR7H-2003S
GR24H-2001S
GR24H-2003S
350
GR7H-2001T
GR7H-2003T
GR24H-2001T
GR24H-2003T
300A
750
GR7H-3001S
GR7H-3003S
GR24H-3001S
GR24H-3003S
350
GR7H-3001T
GR7H-3003T
GR24H-3001T
GR24H-3003T
400A
750
GR7H-4001S
GR7H-4003S
GR24H-4001S
GR24H-4003S
350
GR7H-4001T
GR7H-4003T
GR24H-4001T
GR24H-4003T
500A
750
GR24H-5001S
GR24H-5003S
350
GR24H-5001T
GR24H-5003T
1. Resistance (R) = Line to neutral voltage (V) / Rated current (I) - Tolerance : ±10 percent
2. Power frequency withstand test(One minute)
-Rated 600V or less : <2 X Line voltage> + 1000V
-Rated over 600V : <2.25 X Line voltage> + 2000V
3. Listed neutral grounding resistors are designed, tested, and rated in accordance with ANSI/IEEE
Std 32-1972 (Reaffirmed 1990).


Similar Description - R3H-1003T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NGR VISHAY-NGR Datasheet
209Kb / 4P
   Reliable Neutral Grounding Resistors, High Current Grid Resistors
logo
List of Unclassifed Man...
RLB-50V ETC-RLB-50V Datasheet
1Mb / 3P
   LOAD BANKS
RLB-50V ETC-RLB-50V Datasheet
240Kb / 3P
   LOAD BANKS
logo
Schneider Electric
LK100ANCP SCHNEIDER-LK100ANCP Datasheet
77Kb / 1P
   LOAD CENTER NEUTRAL KIT
Aug 10, 2019
LK100AN SCHNEIDER-LK100AN Datasheet
77Kb / 1P
   LOAD CENTER NEUTRAL LUG
Aug 15, 2019
logo
Littelfuse
NGRUS LITTELFUSE-NGRUS Datasheet
1Mb / 9P
   Neutral Grounding Resistor System , NGR SERIES – US
2020 Rev: 1-B-031920
NGRM-ENC LITTELFUSE-NGRM-ENC Datasheet
349Kb / 2P
   NEUTRAL-GROUNDING-RESISTOR MONITORING , NGRM-ENC SERIES
2022 Rev: 4-E-081022
NGR LITTELFUSE-NGR Datasheet
989Kb / 6P
   NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
SE-325 LITTELFUSE-SE-325 Datasheet
346Kb / 1P
   The SE-325 Neutral-Grounding-Resistor Monitor
logo
Schneider Electric
HOM100AN SCHNEIDER-HOM100AN Datasheet
82Kb / 1P
   LOAD Center NEUTRAL LUG KIT 100A
Aug 17, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com