Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C7883 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. C7883
Description  Driver circuit for NMOS linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7883 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C7883 Datasheet HTML 1Page - Hamamatsu Corporation C7883 Datasheet HTML 2Page - Hamamatsu Corporation C7883 Datasheet HTML 3Page - Hamamatsu Corporation C7883 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C7883 series is a driver circuit specifically designed for the Hamamatsu current-output type NMOS linear image sensors (S3901 to S3904 series,
S8380/S8381 series). NMOS linear image sensors are self-scanning photodiode arrays integrated with a scanning circuit of N-channel MOS
transistors.
C7883 series supplies start pulses and 2-phase clock pulses necessary for image sensor operation. C7883 series also includes a signal
processing circuit to read out video signals from an image sensor in the current-to-voltage conversion mode.
C7883 series operates by input of a master start pulse, master clock pulse and connection to a power supply (+12 V or +15 V).
C7883-20 is multichannel detector head incorporating driver circuit (C7883) developed for Hamamatsu NMOS linear image sensor. C7883-20 is
designed especially for compactness, having an overall length as short as 40 mm or less. The housing case also provides a shielding effect
against external noise.
Features
l High-speed operation (compared to C7884)
l Compact (compared to conventional type C4069)
l Single power supply (+12 V or +15 V) operation
IMAGE
SENSOR
Driver circuit for NMOS linear image sensor
High-speed driver circuit for current-output type NMOS linear image sensor
C7883 series
C7883
I Selection guide
Type No.
Product name
Feature
C7883
Driver circuit
High-speed driver circuit for current-output type NMOS linear
image sensors.
Has no input/output connector.
C7883G
Driver circuit + Pulse generator
A dedicated pulse generator is pre-mounted on the driver
circuit board.
Has no input/output connector.
C7883-20
Multichannel detector head
C7883 driver circuit board is installed in a shield case.
Note)
1: Standard input/output connector is FAP-16-07#2 (made by Yamaichi, sold separately). Equivalent connectors are available
from other manufacturers.
2: Custom products with an input/output connector pre-mounted are available on request. Please consult our sales office.
3: When ordering along with a dedicated cable (A8226), C7883 series will be shipped with a mating connector pre-mounted.
4: We welcome custom requests (e.g. 4 MHz high-speed type). Feel free to contact our sales office.
5: When high precision measurements are required, refer to C7884 series data sheet.
6: When using voltage-output type NMOS linear image sensors, refer to C7885 series data sheet.
I Specifications (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
+Vs+11.5
+12.0
+15.5
V
C7883
+12 V
-
30
40
mA
C7883G
+12 V
-
60
80
mA
Current consumption
C7883-20
+Is
+12 V
-
30
40
mA
Operation frequency
-
Master clock frequency: 8 MHz
-
-
2
MHz
Gain
G
-
24
-
kV/A
Operating temperature
Topr
0 to +50 *
°C
Storage temperature
Tstg
-10 to +60 *
°C
* No condensation
1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn