Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C7883 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part No. C7883
Description  Driver circuit for NMOS linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7883 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C7883 Datasheet HTML 1Page - Hamamatsu Corporation C7883 Datasheet HTML 2Page - Hamamatsu Corporation C7883 Datasheet HTML 3Page - Hamamatsu Corporation C7883 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Driver circuit for NMOS linear image sensor
C7883 series
Terminal No.
Terminal name
Description
1
NC
No connection
2
Data video
Analog video signal output; positive polarity
3
+12 V (+15 V)
Positive power supply
4
NC
No connection
5
NC
No connection
6
Start
Digital input signal for initializing the current; positive logic
7
CLK
Digital input signal for operating the circuit at the rising edge
8
EOS
Digital output signal indicating end of scan; negative logic
9
A. GND
Analog ground
10
A. GND
Analog ground
11
Shield
Case shield
12
D. GND
Digital ground
13
D. GND
Digital ground
14
D. GND
Digital ground
15
Trigger
Digital output signal for A/D conversion; positive logic
3
C7883-20
75.0
(2 ×) M3
EFFECTIVE LENGTH 10
45.0
25.0
D-SUB 15 PIN SOCKET TYPE
46.0
90PCD
(4 ×) 3.5 PIERCE
(8 ×) R3
(4 ×) C7
KACCA0112EA
KACCC0069EA
I Pin assignment of “Signal I/O” connector (C7883-20, 15 pin D-sub socket type)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn