Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7860 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C7860
Description  DEUTERIUM LAMP RELATED PRODUCTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7860 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C7860 Datasheet HTML 1Page - Hamamatsu Corporation C7860 Datasheet HTML 2Page - Hamamatsu Corporation C7860 Datasheet HTML 3Page - Hamamatsu Corporation C7860 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
Parameter
C7860
Input
Output
Ambient Temperature
Cooling
Dimensions ( W
× H × D )
Weight
Input Voltage
Input Current
Output Voltage
Output Current
Current Fluctuation (p-p)
Current Drift at + 25
°C
Heater Voltage
Heater Current
Warm-up Time
Trigger Voltage
With Load
Without Load
Output Voltage
Output Current
Operation
Storage
2
80
160
300
± 15
0.5
±0.1
See below
See below
25
± 5
600
± 50
0 to +40
-40 to +60
V
A Max.
V dc Typ.
V dc Min.
mA
% Max.
%/h Max.
s
V peak
°C
°C
mm
kg
20 CFM of Forced Air Cooling
100
× 118 × 36.2
0.17
24
± 2.4 (dc)
M7628
Unit
113
× 122 × 220
2.7
90 to 115 / 180 to 250 (ac)
( Automatic)
DEUTERIUM LAMP
RELATED PRODUCTS
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 2000 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
HEATER VOLTAGE AND CURRENT
Warm-up
Voltage
(V dc)
Current
(A dc)
Operation
Applicable Lamps
Type Number
C7860/M7628-2510
C7860/M7628-2517A
C7860/M7628-3000A
C7860/M7628-1035A
C7860/M7628-1070
C7860/M7628-1555A
NOTE: A C7860 series are manufactured only when the order is placed.
2.5
± 0.15
2.5
± 0.15
3
± 0.15
10
± 0.5
10
± 0.5
15
± 0.75
4
4
5
0.8
1.2
0.5
Voltage
(V dc)
Current
(A dc)
1
± 0.05
1.7
± 0.1
0
3.5
± 0.2
7
± 0.35
5.5
± 0.3
1.8
3.3
0
0.3
1
0.3
L6565, L7293, L7303, L6999, L7307, L7174
L7297, L7298, L6303, L6304, L7304, L7306
L6566, L6305, L6306
L7291, L7294, L6307, L6308, L7292
L7296, L7295, L6309, L6310
L6311, L6312
FEATURES
s Compact
s High Cost Performance
s Designed based on EN/UL standard (M7628)
The C7860 designed based on EN standard only.
s Constant Current Power Supply
POWER SUPPLY C7860/OEM POWER SUPPLY M7628
Left: C7860, Right: M7628


Similar Part No. - C7860

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C781 POWEREX-C781 Datasheet
462Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
C781L POWEREX-C781L Datasheet
462Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
C781L POWEREX-C781L Datasheet
192Kb / 4P
   Phase Control SCR 2500 Amperes Average 1600-2100 Volts
C781L POWEREX-C781L Datasheet
474Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
C781LA POWEREX-C781LA Datasheet
462Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
More results

Similar Description - C7860

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM200 ETC1-ADM200 Datasheet
97Kb / 1P
   Related Products: Motor Operated Auto Drain
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
CX1174 ETC1-CX1174 Datasheet
101Kb / 4P
   Deuterium-Filled Ceramic Thyratron
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
   Calibrated Deuterium Light Source
L1314 HAMAMATSU-L1314 Datasheet
113Kb / 2P
   WATER-COOLED TYPE DEUTERIUM LAMPS
logo
STMicroelectronics
AN2984 STMICROELECTRONICS-AN2984 Datasheet
224Kb / 8P
   Minimizing the SET-related effects
logo
List of Unclassifed Man...
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
   Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
logo
NIHON DEMPA KOGYO
NP5032SC NDK-NP5032SC Datasheet
588Kb / 1P
   For SONET-, SDH-, and GbEthernet-related equipment
7311S NDK-7311S Datasheet
542Kb / 1P
   For SONET-, SDH-, and GbEthernet-related equipment
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com