Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7700 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C7700
Description  High Dynamic Range Streak Camera
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7700 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C7700 Datasheet HTML 1Page - Hamamatsu Corporation C7700 Datasheet HTML 2Page - Hamamatsu Corporation C7700 Datasheet HTML 3Page - Hamamatsu Corporation C7700 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ment Possible up to 10 000:1
3
SPECIFICATIONS
1 Input Optics
Type
No.
Overall
Length
Slit Width
Reading
Precision
Image
Multiplica-
tion Ratio
Spectral
Transmission
Effective
F Value
Slit
Width
A1974
400 nm to 900 nm
1.2
1 : 1
0 to 5 mm
5
µm
159 mm
A1976-04 200 nm to 1060 nm
3.5
1 : 1
98.2 mm
2 Streak Tube
100
80
60
40
20
0
200
400
600
A1974
A1976-04
800
Wavelength (nm)
Spectral transmittance of input optics
1000
1200
1400
1600
4 Image Intensifier (I.I.), Image Booster (I.B.)
6 Readout Cameras
5 Output Optics
Photocathode
V3346U-04
(I.I.)
S-20
25 mm
P-43
3000
V3346U-24
(I.B.)
15 (typ.)
Effective
Photocathode Size
Phosphor
Screen
Luminous
Gain
A7702-02
Magnification
Readeout Camera
Type No.
Imaging Device
C4880-21
Full frame transfer CCD
512(H)
× 512 (V)
24
µm × 24 µm
ORCA2
Progressive-scan interline CCD
1280(H)
× 1024(V)
6.7
µm × 6.7 µm
Effective No. of Pixels
Pixel Size
Type No.
7 Readout System
q
HPD-TA
C7700-01
C7700-11
Type
No.
Effectiv e
Photocathode
Size
N8059
200 nm to 850 nm
7 mm
×17 mm
N8059-02 300 nm to 1060 nm
18 lp/mm or
more
centered on
photocathode
Note) read-
out camera
ORCA2
• Phosphor screen
characteristic P-43
• Fiber-optic output
• Effective Phos-
phor screen size:
25 mm
Phosphor
Screen
Spatial
Resolution
Spectral
Response
Characteristic
Streak
Tube
10
5
10
4
10
3
10
2
10
1
200
400
600
Wavelength (nm)
Spectral response characteristics
800
1000
1200
C7700-11
C7700-01
3 Main Unit
q
Streak Unit
• Temporal resolution:
better than 5 ps (at the fastest sweep
range)
• Sweep time/full screen
0.5, 1, 2, 5, 10, 20, 50, 100, 200, 500 ns
1, 2, 5, 10, 20, 50, 100, 200, 500
µs, 1 ms
• Trigger jitter:
less than
±20 ps (at the fastest
sweep range)
• Trigger delay:
about 25 ns (at the fastest sweep range)
• Maximum sweep repetition frequency
.......................................... 1 kHz (at the fastest sweep range)
• Operating mode ................................................. Focus/Streak
• Trigger input
Maximum input voltage ...........................................
±5 V/50 Ω
Trigger level ....................................................
±4 V Adjustable
• Gating mode ............................. NORMAL, Gate, Open Fixed
• Gating method ...................................... Photocathode Gating
• Gate trigger input ......................................... 3.5 Vto 5.0 V/50
• Gate
repetition frequency ............................................ 100 Hz
• Gate delay time
.............................................................. 1
µs
• Line voltage
• Power consumption ................................... Approx. 180 VA
• Operating temperature ................................. +10 ˚C to +30 ˚C
• Operating humidity
Less than 70 % (with no condensation)
UTILITY
The HPD-TA (Temporal Analayzer) is a high-perfomance digital
data acquisition and control system specifically designed to read-
out images from the phosphor screen of the HAMAMATSU
streak camera. It enables precise, quantitative acquisition and
preanalysis of two dimensional streak data that includes photon
counting plus a full range of data correction and calibration
possibilities. The HPD-TA allows the remote control of the
C7700 via GPIB interface. The entire system is controlled
through a powerful and user-friendly application software that
runs on a Microsoft Windows platform
C4880-21
Effective F-number
1 : 0.7
F = 2.0
Type No.
VA100 V to 120/220 V to 240 C
.........................
.....
A2098
ORCA
2 : 1
F = 2.5
2


Similar Part No. - C7700

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
C770L IRI-C770L Datasheet
1Mb / 14P
   INVERTER GRADE THYRISTOR
C770LY18 IRI-C770LY18 Datasheet
1Mb / 14P
   INVERTER GRADE THYRISTOR
C770LY25 IRI-C770LY25 Datasheet
1Mb / 14P
   INVERTER GRADE THYRISTOR
More results

Similar Description - C7700

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C2830 HAMAMATSU-C2830 Datasheet
86Kb / 4P
   Streak Camera
C4187 HAMAMATSU-C4187 Datasheet
244Kb / 2P
   Framing Streak Camera
C5680 HAMAMATSU-C5680 Datasheet
245Kb / 8P
   Universal Streak Camera
logo
OmniVision Technologies...
OV10620 OMNIVISION-OV10620 Datasheet
201Kb / 2P
   color high dynamic range CameraChip sensor for high-performance security camera applications
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
   High Dynamic Range FET
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
   High Dynamic Range LNA
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
FH1 WJCI-FH1_07 Datasheet
301Kb / 7P
   High Dynamic Range FET
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com