Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5930 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S5930
Description  NMOS multichannel detector head
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5930 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S5930 Datasheet HTML 1Page - Hamamatsu Corporation S5930 Datasheet HTML 2Page - Hamamatsu Corporation S5930 Datasheet HTML 3Page - Hamamatsu Corporation S5930 Datasheet HTML 4Page - Hamamatsu Corporation S5930 Datasheet HTML 5Page - Hamamatsu Corporation S5930 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C5964 series
C5964 series is a family of multichannel detectors developed for spectrophotometry in the UV to near infrared range (up to 1000 nm). C5964
series device incorporates a thermoelectrically-cooled NMOS linear image sensor (S5930/S5931/S8382/S8383 series), low noise driver/amplifier
circuit and highly stable temperature control circuit. It also operates from simple external signal inputs. The image sensor is cooled to a preset
temperature (Ts=0 ˚C) as soon as the power is turned on. Should the cooler fail and the device overheat, the built-in protection circuit
automatically shut off the power.
The housing is designed for compactness, yet offers good heart dissipation. Furthermore, mounting holes are provided on the front panel of the
housing, permitting easy connection to a monochromator or other instruments
Features
l Designed for use with a thermoelectrically-cooled NMOS
linear image sensor (S5930 series, etc.)
l Built-in driver/amplifier and temperature control circuits
l Highly stable temperature control ensures a constant
cooling temperature of Ts=0 ± 0.05 ˚C (at Ta=10 to 30 ˚C)
l Operates from simple signal inputs
l High sensitivity and wide dynamic range
l Various models are available according to image sensor type
Applications
l Multichannel spectrophotometry
l Spectrophotometer, colorimeter
l Optical spectrum analyzer
l Time-resolved photometry
IMAGE
SENSOR
NMOS multichannel detector head
Incorporates a thermoelectrically-cooled NMOS linear image sensor
s
Selection guide
C5964 series consists of the following models depending on the NMOS linear image sensor used.
NMOS linear image sensor
NMOS
multichannel
detector head
Type No.
Number of pixels
Pixel size
[µm (H) × µm (V)]
Effective active area
[mm (H) × mm (V)]
Remark
C5964-0800
S5930-256S
256
12.8 × 2.5
C5964-0900
S5930-512S
512
50 × 2500
25.6 × 2.5
C5964-0910
S5931-512S
512
12.8 × 2.5
C5964-1010
S5931-1024S
1024
25 × 2500
25.6 × 2.5
Standard type
C5964-0801
S8382-256S
256
12.8 × 2.5
C5964-0901
S8382-512S
512
50 × 2500
25.6 × 2.5
C5964-0911
S8383-512S
512
12.8 × 2.5
C5964-1011
S8383-1024S
1024
25 × 2500
25.6 × 2.5
IR-enhanced type


Similar Part No. - S5930

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5930-256S HAMAMATSU-S5930-256S Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
S5930-512S HAMAMATSU-S5930-512S Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
S5930 HAMAMATSU-S5930_05 Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
More results

Similar Description - S5930

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964_05 Datasheet
286Kb / 6P
   NMOS multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com