Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7180 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C7180
Description  CCD multichannel detector head
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7180 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C7180 Datasheet HTML 1Page - Hamamatsu Corporation C7180 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C7180 and C7181 are high-sensitivity multichannel detector heads designed for 512 × 512 pixel, back-thinned FFT-CCD area image sensors
(S7170-0909, S7171-0909). C7180 works with non-cooled type back-thinned CCD area image sensor (S7170-0909) and C7181 with one-stage
thermoelectrically cooled type (S7171-0909). Both C7180 and C7181 have a low noise driver/amplifier circuit that operates the CCD image
sensor by input of simple external signals.
C7181 also includes a highly stable temperature controller that cools the sensor to a preset temperature level (Ts= -10 ˚C) as soon as the power
is turned on. If the cooler fails and causes internal circuitry to overheat, the built-in protection circuit automatically turns off the power. Despite its
compact size, the housing configuration is designed for good heat dissipation, and threaded mounting holes on the front panel allow connections
to other devices such as monochrometers. As an option, Hamamatsu provides C7557 controller for multichannel detector heads. When used with
the dedicated software installed into a PC, C7557 allows the PC to control the multichannel detector head and collect the data.
Features
l Designed for back-thinned CCD area image sensor *1
C7180: for non-cooled type (S7170-0909)
C7181: for TE-cooled type (S7171-0909)
l Choice of line binning operation*2/area scanning operation
l Built-in driver circuit
l Highly stable temperature controller (C7181)
Cooling temperature: fixed at Ts= -10 ± 0.05 ˚C
(Ta=10 to 35 ˚C)
l Operates with simple input signals
l High UV sensitivity and high quantum efficiency
l Compact configuration
Applications
l Scientific measurement instrument
l Semiconductor inspection
l UV imaging
l Biophoton observation
IMAGE
SENSOR
CCD multichannel detector head
Detector head for back-thinned CCD area image sensor
C7180, C7181
1
s Selection guide
The table below shows CCD area image sensors applicable for C7180, C7181.
Since C7180, C7181 do not include a CCD area image sensor, so select the desired sensor and order it separately.
CCD area image sensor
Type No.
Type No.
Cooling
Number of pixels
Number of
active pixels
Active area
[mm (H) × mm (V)]
C7180
S7170-0909
Non-cooled
532 × 520
512 × 512
12.288 × 12.288
C7181
S7171-0909
One-stage
TE-cooled
532 × 520
512 × 512
12.288 × 12.288
Note) Multichannel detector head C7182 designed for 512 × 512 pixel, two-stage TE-cooled CCD area image sensor (S7172-0909) is
also available.
*1: In normal CCD image sensors that receive light from the front surface, the active area is covered with transparent electrodes for
charge transfer. These electrodes cut off UV radiation incident on the image sensor and also reduce the quantum efficiency. In
contrast, back-thinned CCD image sensors have a unique structure in which the back of the active area is finely ground to allow
light to enter from the back surface. This structure ensures high UV sensitivity and quantum efficiency because incident light need
not pass through the transparent electrodes.
*2: The FFT-CCD was originally designed as a two-dimensional image sensor. However, it can be operated like a linear image sensor
having a large active area by transferring all the pixel signals in the vertical direction to the horizontal register (this is referred to as
line binning).


Similar Part No. - C7180

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7180 HAMAMATSU-C7180 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
More results

Similar Description - C7180

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
C8940 HAMAMATSU-C8940 Datasheet
140Kb / 5P
   PCI board for CCD multichannel detector head
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
   NMOS multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com