Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7041 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C7041
Description  CCD multichannel detector head
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7041 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C7041 Datasheet HTML 1Page - Hamamatsu Corporation C7041 Datasheet HTML 2Page - Hamamatsu Corporation C7041 Datasheet HTML 3Page - Hamamatsu Corporation C7041 Datasheet HTML 4Page - Hamamatsu Corporation C7041 Datasheet HTML 5Page - Hamamatsu Corporation C7041 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CCD multichannel detector head
C7040, C7041
I Pin connection of "SIGNAL I/O" connector
15-pin D-sub connector
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
I Pin connection of "TE CONTROL I/O" connector (C7041)
9-pin D-sub connector
1
2
3
4
5
6
7
8
9
Pin No.
Terminal name
Description
1
Mode select
Digital input signal used to select between the line binning operation and area scanning
operation.
HCMOS compatible.
High level or left open: line binning operation
Low level: area scanning operation
2
Data video
Analog video output. Positive polarity
3VA1+ (+15 V)
Analog power supply
4
VA1- (-15 V)
Analog power supply
5VD1 (+5 V)
Digital power supply
6
Start
Digital input signal for initializing the circuit.
HCMOS compatible. Positive logic.
The interval of the Start pulses determines the integration time of the CCD image sensor.
7CLK
Digital input signal for operating the circuit.
HCMOS compatible. Rising edge operation.
8
EOS
Digital output signal for indicating end-of-scan of the image sensor.
HCMOS compatible. Negative logic.
9
A. GND
Analog ground
10
A. GND
Analog ground
11
VA2 (+24 V)
Analog power supply
12
D. GND
Digital ground
13
D. GND
Digital ground
14
D. GND
Digital ground
15Trigger
Digital output signal for A/D conversion. HCMOS compatible. Positive logic.
Pin No.
Terminal name
Description
1VD2 (+5 V)
Digital power supply
2
Temp monitor
Analog output signal of the temperature of the CCD image sensor
3
Cooling control
Digital input signal for starting to cool down. HCMOS compatible.
High level or left open: cooling
Low level: stand-by
4
Vp (+5 V)
Power supply for the thermoelectric cooler in the CCD image sensor.
(Please use AWG 18 wire)
5VF (+12 V)
Power supply for cooling fan
6
D. GND
Ground
7
D. GND
Ground
8
P. GND
Power supply return of the thermoelectric cooler mounted in the CCD image sensor.
(Please use AWG 18 wire)
9
F. GND
Power supply return for cooling fan
Available for using same power supply (+5 V) for "+VD2" and "+Vp".
Caution) Do not connect "VD2" and "Vp" together on the backside of the 9-pin D-sub connector.
These may be connected (shorted) at the power supply end, not 9-pin D-sub connector.
KACCC0069EA
KACCC0075EA
5


Similar Part No. - C7041

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7041 HAMAMATSU-C7041 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7041 HAMAMATSU-C7041 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
More results

Similar Description - C7041

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
C8940 HAMAMATSU-C8940 Datasheet
140Kb / 5P
   PCI board for CCD multichannel detector head
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
   NMOS multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com