Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5964-0800 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # C5964-0800
Description  NMOS multichannel detector head
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5964-0800 Datasheet(HTML) 6 Page - Hamamatsu Corporation

  C5964-0800 Datasheet HTML 1Page - Hamamatsu Corporation C5964-0800 Datasheet HTML 2Page - Hamamatsu Corporation C5964-0800 Datasheet HTML 3Page - Hamamatsu Corporation C5964-0800 Datasheet HTML 4Page - Hamamatsu Corporation C5964-0800 Datasheet HTML 5Page - Hamamatsu Corporation C5964-0800 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NMOS multichannel detector head
C5964 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
s Handling precautions
C5964 series is a precision device, so use sufficient caution when handling it.
q Never disassemble or modify the device as this may cause an operating failure.
q Protect the device from shocks such as drops or impacts as these may cause breakage.
q Avoid storing the device in high temperature and high humidity locations for long periods of time.
q Never block the air vents provided on the top and side panels of this unit during operation. Blocking the air vents may cause
overheating.
q When connecting to other equipment, check that the electrical specifications are matched.
q Never exceed the maximum ratings during operation.
Observe the following precautions to obtain the fullest performance of device.
q Provide a proper shield to protect the device against external electromagnetic effects.
Use of a shield cable is recommended.
q Use a power supply with minimum ripple and noise.
q Pay attention to prevent extraneous light from entering the device for accurate measurements.
s
Peripheral equipment for multichannel detectors
Hamamatsu provides a variety of peripheral equipment for NMOS multichannel detectors to facilitate high-precision measurement
using computers. They include a data processing unit, and various interconnection cables. The figure below shows an example
of connections to perihperal equipment, using a PC/AT compatible machine.
q Data processing unit C6536
C6536 data processing unit converts video signals from an NMOS
linear image sensor into 12 bit digital signals. C6536 consists of a
driving an image sensor. The signals from the NMOS linear image
sensor are converted into digital signals at high-speed and buffered
in the internal memory. By hand shaking between the internal
controller and the external computer, data can be transferred in
parallel according to the computer's speed.
q Interface board M7089
M7089 interface board is an I/O board designed for IBM PC/AT
compatible computers with an ISA bus slot. By inserting M7089 into
the internal ISA slot of an IBM PC/AT compatible computer, data can
be transferred between C6536 data processing unit and the PC.
This allows analyzing the output signal from an NMOS linear image
sensor on the PC or controlling the signal integration time of the
NMOS linear image sensor from the PC.
q Power supply
This power supply provides an NMOS linear image sensor and a
C6536 data processiong unit with the necessary power of +5 V and
±15 V.
q Interconnection cables
Various interconnection cables are provided for connecting a
multichannel
detector to peripheral units.
KACCC0070EA
CABLE FOR IMAGE SENSOR
(WITH CONNECTORS
AT BOTH ENDS)
A3017 (0.5 m)
SIGNAL CABLE
A3020 (1.5 m, 2 CABLES)
(WITH CONNECTORS
AT BOTH ENDS)
POWER CABLE
(WITH CONNECTORS
AT BOTH ENDS)
A3018 (1.5 m)
OSCILLOSCOPE
DATA PROCESSING UNIT C6536
POWER SUPPLY (+5 V, ±15 V)
C2892
A7094
A7094-01
(5 m)
(2.5 m)
INTERFACE BOARD
FOR IMAGE SENSOR
M7089
PC/AT
COMPATIBLE
MACHINE
HAMAMATSU
C5964 SERIES
Cat. No. KACC1018E02
Feb. 2001 DN


Similar Part No. - C5964-0800

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964-0800 HAMAMATSU-C5964-0800 Datasheet
286Kb / 6P
   NMOS multichannel detector head
More results

Similar Description - C5964-0800

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964_05 Datasheet
286Kb / 6P
   NMOS multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com