Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D120505XMD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # D120505XMD
Description  1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D120505XMD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  D120505XMD Datasheet HTML 1Page - Microdc power Technology Co., Ltd D120505XMD Datasheet HTML 2Page - Microdc power Technology Co., Ltd D120505XMD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B-XMD&D-XMD
B-XMD&D-XMD Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Input
Input Specifications
Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
VDC
24
21.6-26.4
VDC
Filter
Capacitor
Turn on Transient process time
25
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
0-7
VDC
12 Vin
0-15
VDC
24 Vin
0-28
VDC
Peak Input Voltage time
100
ms
Isolation
Isolation Specifications
Specifications
Parameters
Nominal
Typical
Rated
Units
Tested I/O voltage
3 sec
1000 all models
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output
Output Specifications
Specifications
Parameters
Nominal
Typical
Maximum
Units
Maximum
±3
%
Short Circuit protection
Momentary (1 sec)
Line voltage regulation (Single)
For 1% change of Vin
±1.2
%
Line voltage regulation (Dual)
For 1% change of Vin
±1.2
%
Load voltage regulation (Single)
Load 20 – 100%
±10
%
Load voltage regulation (Single) 3.3V output model
Load 20 – 100%
±20
%
Load voltage regulation (Dual)
Load 20 – 100%
±10
%
Load voltage regulation (Dual) 3.3V output model
Load 20 – 100%
±20
%
Temperature coefficient
±0.02
%/℃
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
Rising time
50
ms
General
General Specifications
Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
80
KHz
Operating temperature
Full Load without Derating
-40 to+85
Storage temperature
-55 to +125
Max Case temperature
90
Cooling
Free air convection
Humidity
90
%
Case material
Non-conductive black plastic
Weight
1.8
g
Dimensions (L x W x H)
0.50 x 0.40 x 0.27 inches 12.70 x 10.16 x 6.85 mm
MTBF
>1 191 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25℃)
NOTE: All specifications in this data sheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output
load unless otherwise specified
Safety
Safety Specifications
Specifications
Parameters
Agency approvals
CE
Standards
EN55022 (Radiated Emissions) class B
EN55024 (Noise Immunity), IEC61000-4-2(ESD)
IEC61000-4-3(Radiated immunity)


Similar Part No. - D120505XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D120505XM MICRODC-D120505XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D120505XMS MICRODC-D120505XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

Similar Description - D120505XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XMD MICRODC-A-XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
logo
PEAK electronics GmbH
P6BU-053R3E PEAK-P6BU-053R3E Datasheet
248Kb / 3P
   P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
List of Unclassifed Man...
PSD-0505 ETC-PSD-0505 Datasheet
294Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD
logo
PEAK electronics GmbH
P6DU-0505E PEAK-P6DU-0505E Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6AU-0505 PEAK-P6AU-0505 Datasheet
229Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4
P3BU-053R3E PEAK-P3BU-053R3E Datasheet
234Kb / 2P
   P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com