Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1212XD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # F1212XD
Description  Isolated 1W Dual Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F1212XD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  F1212XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd F1212XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd F1212XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd F1212XD Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E
E-X
-X(S)D&F
(S)D&F-X
-X(S)D
(S)D S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Input Current
(Rated Load)
(MA)
Efficiency
(%)
Isolation
Capacitance
(PF)
MTTF1
(KHRS)
F0505XD
5
5
200
294
68
23
4241
F0509XD
5
9
111
267
75
30
3376
F0512XD
5
12
84
260
77
26
2555
F0515XD
5
15
67
256
78
27
1838
QF0505XS
5
5
50
72
70
20
1500
RF0505XS
5
5
100
125
80
21
1810
F0505XS
5
5
200
294
68
23
4241
F0509XS
5
9
111
267
75
30
3376
F0512XS
5
12
84
260
77
26
2555
F0515XS
5
15
67
256
78
27
1838
F1205XD
12
5
200
121
69
26
2664
F1209XD
12
9
111
113
74
35
2295
F1212XD
12
12
84
108
77
43
1883
F1215XD
12
15
67
108
77
42
1462
F1205XS
12
5
200
121
69
26
2664
F1209XS
12
9
111
113
74
35
2295
F1212XS
12
12
84
108
77
43
1883
F1215XS
12
15
67
108
77
42
1462
F1505XS
15
5
200
93
67
21
2747
F1512XS
15
12
84
85
75
45
1365
F1515XS
15
15
67
84
77
50
941
E0505XD
5
±5
±100
280
71.5
21
3106
E0509XD
5
±9
±55
263
76
24
2258
E0512XD
5
±12
±42
256
78
26
1579
E0515XD
5
±15
±33
253
79
27
1065
E0505XS
5
±5
±100
280
71.5
21
3106
E0509XS
5
±9
±55
263
76
24
2258
E0512XS
5
±12
±42
256
78
26
1579
E0515XS
5
±15
±33
253
79
27
1065
E1205XD
12
±5
±100
117
71
27
2148
E1209XD
12
±9
±55
113
74
35
1705
E1212XD
12
±12
±42
111
75
42
1287
E1215XD
12
±15
±33
110
76
41
924
E1205XS
12
±5
±100
117
71
29
2148
E1209XS
12
±9
±55
113
74
35
1705
E1212XS
12
±12
±42
111
75
42
1287
E1215XS
12
±15
±33
110
76
41
924
E1505XS
15
±5
±100
91
69
39
1941
E1512XS
15
±12
±42
87
75
68
789
E1515XS
15
±15
±33
84
77
84
522
MODEL
MODEL SELECTION
SELECTION
E
E
05
05
05
05
X
X
S
S
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
MICRODC R ESERVES THE COPYRIGHT
Isolated 1W Dual&Single Output DC/DC Converters
FEATURES
FEATURES
RoHS compliant
Efficiency up to 79%
Power density up to 0.85W/cm3
Wide temperature performance at full 1 Watt
load,-40°C to 85 °C
Single and dual output
UV 94V-0 package material
No heatsink required
Footprint 1.17cm2
Industry standard pinout
Power sharing on dual output
3KVDC isolation (1 minute)
5V,9V,12V and 15V output
Internal SMD construction
Fully encapsulated with toroidal Magnetics
No external components required
MTTF up to 4.2 million hours
No electrolytic or tantalum capacitors
PCB mounting
APPLICATIONS
APPLICATIONS
The E_X(S)D&F_X(S)D series of industrial temperature range
DC/DC converters are the standard building blocks for on-board
distributed power systems. They are ideally suited for providing
local supplies on control system boards with the added benefit of
3kVDC galvanic isolation to reduce switching noise.Available in
SIP and DIP with dual and single output pin out.All of the rated
power may be drawn from a single pin provided the total load
does not exceed 1 watt.
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM RATINGS
RATINGS
Short-circuit protection2
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
560mW
Input voltage VIN,E/F05 types
7V
Input voltage VIN,E/F12 types
15V
Input voltage VIN,E/F15 types
18V
1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load.
2.Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C,nominal input voltage and rated output current unless otherwise
specified.


Similar Part No. - F1212XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F1212XDR MICRODC-F1212XDR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
More results

Similar Description - F1212XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com