Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5680 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C5680
Description  Universal Streak Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5680 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C5680 Datasheet HTML 1Page - Hamamatsu Corporation C5680 Datasheet HTML 2Page - Hamamatsu Corporation C5680 Datasheet HTML 3Page - Hamamatsu Corporation C5680 Datasheet HTML 4Page - Hamamatsu Corporation C5680 Datasheet HTML 5Page - Hamamatsu Corporation C5680 Datasheet HTML 6Page - Hamamatsu Corporation C5680 Datasheet HTML 7Page - Hamamatsu Corporation C5680 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
5
10
4
10
3
10
2
10
1
10
0
10
-1
10
-2
200
400
600
Wavelength (nm)
Spectral response of the streak tube
800
1000
1200
1400
1600
N5716-01
N5716, N5864
N5716-02
N5716-03
Selection of C5680 main unit
Selection of input optics system
Selection of streak tube
Selection of output format
Selection of sweep unit
Selection of function expansion unit
C5680 Main Unit
[Suffix (Model No.)]
C5680–
..........
2 Lens output type
3 Video output type
1 Input Optics System
Model
Name
Overall
Length
Slit Width
Reading
Precision
Image
Multiplica-
tion Ratio
Spectral
Transmission
Slit
Width
A1976-01 200 nm to 1600 nm
5.0
1 : 1
98.2 mm
A1974
400 nm to 900 nm
1.2
1 : 1
0 to 5 mm
5
µm
159 mm
A1974-01 400 nm to 1600 nm
1.2
1 : 1
159 mm
A1976-04 200 nm to 1600 nm
3.5
1 : 1
98.2 mm
The A1974 and A1974-01 are optional units.
Input
optics
system
Output
format
Streak tube
2 Streak Tube
Model
Name
• 0.15
× 5.3 mm
Lens output
type
• 0.15
× 4.8 mm
Video output
type
N5716
200 nm to 850 nm
N5716-02 300 nm to 1600 nm
N5716-01
115 nm to 850 nm
N5716-03
200 nm to 900 nm
N5864
200 nm to 850 nm
25 lp/mm
or more
centered
on
photocath-
ode
• Photocathode
char acter istic
P-43
• Fiber-optic output
• Effective photo-
cathode size
• 18 mm
3
6
× 10
5
Phosphor
Screen
Spatial
Resolution
MCP
Gain
£Function expansion unit
Sweep unit
100
80
60
40
20
0
200
400
600
A1974
A1976-01
A1974-01
800
Wavelength (nm)
Spectral transmittance of input optics system
1000
1200
1400
1600
FUNCTION CONFIGURATION
C5680 Main Unit (with power supply and camera controller)
SPECIFICATIONS
1
1
One of the following suffixes is appended to the model number of
the C5680, depending on the type of streak tube and output format
used.
1 Accommodates 200 nm to 850 nm, 1 MCP
2 Accommodates 300 nm to 1600 nm, 1 MCP
3 Accommodates 115 nm to 850 nm, 1 MCP
4 Accommodates 200 nm to 900 nm, 1 MCP
5 Accommodates 200 nm to 850 nm, 2 MCPs
1
2
3
X-ray streak cameras designed for use with 10 eV to 10 keV can
also be selected.
Effective
F Value
3
× 10
Effective
Photocathode
Size
Spectral
Response
Characteristic
3


Similar Part No. - C5680

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
C568-30V ROITHNER-C568-30V Datasheet
62Kb / 1P
   LED CHIP Yellow Green
More results

Similar Description - C5680

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C2830 HAMAMATSU-C2830 Datasheet
86Kb / 4P
   Streak Camera
C4187 HAMAMATSU-C4187 Datasheet
244Kb / 2P
   Framing Streak Camera
C7700 HAMAMATSU-C7700 Datasheet
195Kb / 4P
   High Dynamic Range Streak Camera
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
   Camera Interface
logo
Leopard Imaging Inc.
LI-ISX019-GMSL LEOPARD-LI-ISX019-GMSL Datasheet
614Kb / 6P
   SerDes Camera
LI-OV10640-490-SER LEOPARD-LI-OV10640-490-SER Datasheet
359Kb / 3P
   SerDes Camera
LI-OV10640-GMSL2-060H LEOPARD-LI-OV10640-GMSL2-060H Datasheet
646Kb / 7P
   SerDes Camera
LI-S5K2A1-FPDLINKIII LEOPARD-LI-S5K2A1-FPDLINKIII Datasheet
636Kb / 6P
   SerDes Camera
LI-OV10650-495-GMSL2 LEOPARD-LI-OV10650-495-GMSL2 Datasheet
749Kb / 7P
   SerDes Camera
logo
Advantech Co., Ltd.
ICAM-7000 ADVANTECH-ICAM-7000 Datasheet
221Kb / 1P
   Smart Camera
22-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com