Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1212XT Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # A1212XT
Description  1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A1212XT Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  A1212XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd A1212XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd A1212XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd A1212XT Datasheet HTML 4Page - Microdc power Technology Co., Ltd A1212XT Datasheet HTML 5Page - Microdc power Technology Co., Ltd A1212XT Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
A-XT
-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 6
Application
Application Notes
Notes
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor should be
such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be >20MHz.
Inductor
Capacitor
L,μH
SMD
Through Hole
C,μF
A0303XT
10
82103C
11R103C
4.7
A0305XT
22
82223C
11R223C
2.2
A0309XT
22
82223C
11R223C
2.2
A0312XT
47
82473C
11R473C
1
A0315XT
220
82474C
11R474C
0.22
A0503XT
10
82103C
11R103C
4.7
A0505XT
10
82103C
11R103C
4.7
A0305NXT
10
82103C
11R103C
4.7
A0509XT
22
82223C
11R103C
2.2
A0512XT
47
82473C
11R223C
1
A0515XT
220
82474C
11R473C
0.22
A1205XT
10
82103C
11R474C
4.7
A1209XT
22
82223C
11R223C
2.2
A1212XT
47
82473C
11R473C
1
A1215XT
220
82474C
11R474C
0.22
Tolerance
Tolerance Envelopes
Envelopes
The voltage tolerance envelope shows typical load regulation characteristics for this product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading.


Similar Part No. - A1212XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A1212XT-1W MICRODC-A1212XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
logo
MORNSUN Science& Techno...
A1212XT-1WR2 MORNSUN-A1212XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A1212XT-1WR2 MORNSUN-A1212XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1212XT-1WR2 MORNSUN-A1212XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
A1212XT-1WR2 MORNSUN-A1212XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A1212XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
   1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A GAPTEC-1T10A Datasheet
800Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
A0505XT-1W MORNSUN-A0505XT-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com