Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5QB0524XD Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # 5QB0524XD
Description  Isolated 1.25W Dual&Single Output DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

5QB0524XD Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  5QB0524XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 5QB0524XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 5QB0524XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5QA-XD&5QB-XD Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
NC:no connect
Specif cations can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
4. In this data sheet, all the test methods of indications are based on corporate standards.
Specifications
Specifications
Input Voltage
±10%
Input Filter
Capacitor Type
Output Voltage Accuracy
±5%
Line Voltage Regulation
1,2%/1% V Input
Load Voltage Regulation
(10% to 100% full load)
3.3V output types
20% max.
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Ripple and Noise (20MHz limited)
100mVp-p max.
Efficiency at Full Load
70% min.
Isolation Voltage
1.000VDC min.
(also available with 2.000VDC)
Isolation Resistance (Viso = 500VDC)
10 GΩmin.
Isolation Capacitance
30pF min./80pF max.
Short Circuit Protection
1 Second
Switching Frequency at Full Load
100kHz typ.
Operating Temperature
–40°C to +85°C (see Graph)
Storage Temperature
-55°C to +125°C
Package Weight
Single output types
1.8g
Dual output types
1.9g
Recommended
Recommended footprint
footprint details
details
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
8
8 PIN
PIN DIP
DIP Tube
Tube
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
8
8 PIN
PIN DIP
DIP Package
Package
All
All dimensions
dimensions in
in inches
inches ±
±0.01(mm
0.01(mm±
±0.25mm).All
0.25mm).All pins
pins on
on a
a 0.1(2.54)
0.1(2.54) pitch
pitch and
and within
within ±
±0.01(0.25)of
0.01(0.25)of true
true position.
position.
Weight: 1.48g (DIP)1.30g (SIP)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Single
Single
Dual
Dual
P
Pin
in
Function
Function
P
Pin
in
F
Function
unction
1
1
-Vin
1
1
-Vin
4
4
+Vin
4
4
+Vin
5
5
+Vout
5
5
+Vout
6
6
NC
6
6
Com
8
8
-Vout
8
8
-Vout


Similar Description - 5QB0524XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMXD1215UC MURATA-NMXD1215UC Datasheet
176Kb / 3P
   Isolated 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
   Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com