Electronic Components Datasheet Search |
|
2B1215XES Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd |
|
2B1215XES Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd |
3 / 3 page 2 2B-XES& B-XES&2 2F-XES& F-XES&2 2H-XES H-XES Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 3 of 3 General General Specifications Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 50 KHz Operating temperature Full Load without Derating -40 to +85 ℃ Storage temperature -40 to +125 ℃ Max Case temperature 90 ℃ Cooling Free air convection % Humidity 90 % Case material Plastic UL94-VO Weight 3.8 g Dimensions (L x W x H) 1.25 x 0.34 x 0.53 inches 31.80 x 8.60 x 13.47 mm MTBF >1 500 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 C) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltageand at rated output load unless otherwise specified Pin 1000VDC 3000 and 6000VDC 1 +V Input +V Input 2 N.C. -V Input 3 N.C. N.C. 9 N.C. N.C. 10 -V Output -V Output 11 +V Output +V Output 12 -V Input N.C. Pin Pin Out Out Specifications Specifications Microdc Professional Power Module,Inc. Tel:0086-20-86000646 E-mail:tech@microdc.cn Website:http://www.microdc.cn RoHS COMPLIANT INFORMATION This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are backward compatible with Sn/Pb soldering systems. REACH COMPLIANT INFORMATION This series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. |
Similar Part No. - 2B1215XES |
|
Similar Description - 2B1215XES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |