Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2B2409NXT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 2B2409NXT
Description  2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B2409NXT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  2B2409NXT Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B2409NXT Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B2409NXT Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2B2409NXT Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2A-NXT&
A-NXT&2
2B-NXT
B-NXT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Part
Number
Input
Voltage
Outpu
Voltage
Output
Current
Efficiency
SMD
(VDC)
(VDC)
(mA)
(%)
2B0503NXT
5
3.3
606
70-75
2B0903NXT
9
3.3
606
70-75
2B1203NXT
12
3.3
606
70-75
2B1503NXT
15
3.3
606
70-75
2B2403NXT
24
3.3
606
70-75
2B0505NXT
5
5
400
80-85
2B0905NXT
9
5
400
80-85
2B1205NXT
12
5
400
80-85
2B1505NXT
15
5
400
80-85
2B2405NXT
24
5
400
80-85
2B0509NXT
5
9
222
80-85
2B0909NXT
9
9
222
80-85
2B1209NXT
12
9
222
80-85
2B1509NXT
15
9
222
80-85
2B2409NXT
24
9
222
80-85
2B0512NXT
5
12
167
80-85
2B0912NXT
9
12
167
80-85
2B1212NXT
12
12
167
80-85
2B1512NXT
15
12
167
80-85
2B2412NXT
24
12
167
80-85
2B0515NXT
5
15
133
80-85
2B0915NXT
9
15
133
80-85
2B1215NXT
12
15
133
80-85
2B1515NXT
15
15
133
80-85
2B2415NXT
24
15
133
80-85
2B0524NXT
5
24
83
80-85
2B0924NXT
9
24
83
80-85
2B1224NXT
12
24
83
80-85
2B1524NXT
15
24
83
80-85
2B2424NXT
24
24
83
80-85
2A0505NXT
5
±5
±200
70-75
2A0905NXT
9
±5
±200
70-75
2A1205NXT
12
±5
±200
70-75
2A1505NXT
15
±5
±200
70-75
2A2405NXT
24
±5
±200
70-75
2A0509NXT
5
±9
±111
75-78
2A0909NXT
9
±9
±111
75-78
2A1209NXT
12
±9
±111
75-78
2A1509NXT
15
±9
±111
75-78
2A2409NXT
24
±9
±111
75-78
2A0512NXT
5
±12
±83
75-83
2A0912NXT
9
±12
±83
75-83
2A1212NXT
12
±12
±83
75-83
2A1512NXT
15
±12
±83
75-83
2A2412NXT
24
±12
±83
75-83
2A0515NXT
5
±15
±66
75-85
2A0915NXT
9
±15
±66
75-85
2A1215NXT
12
±15
±66
75-85
2A1515NXT
15
±15
±66
75-85
2A2415NXT
24
±15
±66
75-85
2A0524NXT
5
±24
±42
78-85
2A0924NXT
9
±24
±42
78-85
2A1224NXT
12
±24
±42
78-85
2A1524NXT
15
±24
±42
78-85
2A2424NXT
24
±24
±42
78-85
MODEL
MODEL SELECTION
SELECTION
2
2A
A
05
05
05
05
NX
X
T
T
Product Series
Input Voltage
Output Voltage
No Pin
Fixed Input
SMD Package
MICRODC R ESERVES THE COPYRIGHT
2 Watt FIXED INPUT, ISOLATED Dual &Single SMD Output DC-DC CONVERTER
FEATURES
FEATURES
1kVDC Isolation
Internal SMD Construction
UL94V-0 Package Material
Toroidal Magnetics
Efficiency to 85%
APPLICATIONS
APPLICATIONS
Compared to standard 2 Watt packages,
space savings of 80% respectively 77% are
achieved by these 2A-NXT&2B-NXT SMD
Miniature DC/DC Converters. They have been
specifically designed for applications where
board space is at a premium,since these 2
Watt converters have only a slightly larger foot
print than conventional 1 Watt converters.
At efficiencies up to 80%, external cooling is
not needed, as the full output power is
available over the operating temperature
range -40°C to +85°C. All converters have an
I/O-Isolation of 1kVDC, allowing making them
suitable for many applications.


Similar Part No. - 2B2409NXT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2B2409XD MICRODC-2B2409XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B2409XD MICRODC-2B2409XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B2409XES MICRODC-2B2409XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
2B2409XM MICRODC-2B2409XM Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
2B2409XNM MICRODC-2B2409XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results

Similar Description - 2B2409NXT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QA-XT MICRODC-QA-XT Datasheet
559Kb / 3P
   0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
A-XT MICRODC-A-XT Datasheet
983Kb / 6P
   1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
   FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
   1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
QF-XT MICRODC-QF-XT Datasheet
645Kb / 3P
   0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com