Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2B0505XNM Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 2B0505XNM
Description  Isolated 2W Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B0505XNM Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  2B0505XNM Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B0505XNM Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B0505XNM Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2B0505XNM Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2B
2B-X
-XNM
NM Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
Minimum
Minimum load
load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading
will result in an increase in output voltage, which may rise to typically double the specified output voltage if the output load falls to less than 5%.
Capacitive
Capacitive loading
loading and
and start
start up
up
Typical start up times for this series, with a typical input voltage rise time of 2.2s and output capacitance of 10F, are shown in the table below. The product
series will start into a capacitance of 47F with an increased start time, however, the maximum recommended output capacitance is 10F.
Start-up time
B0505XNM
790
B0509XNM
1154
B0512XNM
2265
B0515XNM
2998
B1205XNM
396
B1209XNM
880
B1212XNM
1156
B1215XNM
2394
Temperature
Temperature Characteristics
Characteristics
Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
Storage
-50
130
Case temperature above
ambient
5V output types
45
All other output types
36
Cooling
Free air convection
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
90
kHz
12V input types
90
kHz
Temperature
Temperature derating
derating graph
graph
Tolerance
Tolerance envelope
envelope
The voltage tolerance envelope shows typical load regulation characteristics for this
product series. The tolerance envelope is the maximum output voltage variation due
to changes in output loading.


Similar Part No. - 2B0505XNM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2B0505XD MICRODC-2B0505XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B0505XD MICRODC-2B0505XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B0505XES MICRODC-2B0505XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
2B0505XM MICRODC-2B0505XM Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
2B0505XS MICRODC-2B0505XS Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
More results

Similar Description - 2B0505XNM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com