Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4675-102 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C4675-102
Description  16 x 16 element photodiode array detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4675-102 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C4675-102 Datasheet HTML 1Page - Hamamatsu Corporation C4675-102 Datasheet HTML 2Page - Hamamatsu Corporation C4675-102 Datasheet HTML 3Page - Hamamatsu Corporation C4675-102 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
16 × 16 element photodiode array detector
C4675 series
s Operating principle
When light enters a photodiode, photoelectric conversion
occurs in the photodiode and the photocurrent Ip is gener-
ated. The photocurrent Ip then flows through the current-to-
voltage conversion amplifier feedback resistance Rf and is
output as voltage V (=Ip × Rf).
C4675 series uses current-to-voltage conversion amplifiers
connected to each of the 256-element photodiodes to per-
form parallel signal processing. A low noise bias circuit is
also used to reduce the photodiode junction capacitance.
Type No.
Feedback resistance Feedback capacitance
C4675-102
100 MΩ
C4675-302
50 MΩ
C4675-103
10 MΩ
1 pF
KACCC0001EA
s Block diagram
LOW NOISE BIAS CIRCUIT
+15 V
GND
-15 V
CH
1
CH
2
INCIDENT LIGHT
Ip
Rf
Cf (1p)
-15 V
GND
+15 V
CH256
Rf
Ip
Cf (1p)
Rf
Ip
Cf (1p)
-
+
-
+
-
+
s Application example
FIBER
SPECTRUM
RECEPTACLE
DATA PROCESSING DEVICE
MEMORY
SH
MUX
ADC
GAIN AMP
AC
GAIN AMP
CHOPPER
l Nerve potential measurement under microscope
l 2-D spectrophotometry in visible range
l Fine-modulation light measurement
LOCK IN AMP
C4675-xxx
C4675-xxx
HAMAMATSU
C4675-xxx
C4675-xxx
HAMAMATSU
C4675-xxx
C4675-xxx
HAMAMATSU
KACCC0003EA


Similar Part No. - C4675-102

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4674 HAMAMATSU-C4674 Datasheet
127Kb / 3P
   Signal processing circuit for 2-D PSD
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
   Signal processing circuit for 2-D PSD
More results

Similar Description - C4675-102

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
   16-element Si photodiode array
S8558 HAMAMATSU-S8558 Datasheet
111Kb / 2P
   Surface mountable 16-element photodiode array
logo
OptoDiode Corp
AXUV16ELG OPTODIODE-AXUV16ELG_18 Datasheet
935Kb / 4P
   Photodiode 16 Element
logo
Hamamatsu Corporation
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
   Si photodiode array 5 횞 5 element array for X-ray detector
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
   16-element Si photodiode arrays
logo
Sensortechnics GmbH
50146302 SENSORTECHNICS-50146302 Datasheet
553Kb / 4P
   16 element PIN array
501097 SENSORTECHNICS-501097 Datasheet
1Mb / 4P
   16 element APD array
50146102 SENSORTECHNICS-50146102 Datasheet
330Kb / 4P
   16 element PIN array
50146202 SENSORTECHNICS-50146202 Datasheet
544Kb / 4P
   16 element PIN array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com