Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDZ9V0U-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDZ9V0U-HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDZ9V0U-HF Datasheet(HTML) 4 Page - Comchip Technology

  CPDZ9V0U-HF Datasheet HTML 1Page - Comchip Technology CPDZ9V0U-HF Datasheet HTML 2Page - Comchip Technology CPDZ9V0U-HF Datasheet HTML 3Page - Comchip Technology CPDZ9V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
J
Part Number
Marking Code
CPDZ9V0U-HF
Suggested PAD Layout
Marking Code
Comchip
S M D D i o d e S p e c i a l i s t
Page 4
QW-JP026
REV: B
SMD ESD Protection Diode
J
SIZE
(inch)
0.122
(mm)
0.310
0.200
0.350
0.079
0.014
0.150
0.006
E
0.365
0.014
B
C
D
A
0201(DFN0603)
E
B
C
D
A
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
8,000
0201(DFN0603)
Reel Size
(inch)
7


Similar Part No. - CPDZ9V0U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDZ9V0U-HF COMCHIP-CPDZ9V0U-HF Datasheet
381Kb / 4P
   SMD ESD Protection Diode
CPDZ9V0U-HF COMCHIP-CPDZ9V0U-HF_15 Datasheet
381Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDZ9V0U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com