Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C50VB80-G Datasheet(PDF) 2 Page - Comchip Technology

Part # C50VB80-G
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

C50VB80-G Datasheet(HTML) 2 Page - Comchip Technology

  C50VB80-G Datasheet HTML 1Page - Comchip Technology C50VB80-G Datasheet HTML 2Page - Comchip Technology C50VB80-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
REV: A
Rating and Characteristics Curves (
C50VB160-G)
C50VB80-G Thru.
QW-BBR57
Comchip Technology CO., LTD.
Fig.4 - Typical Reverse Characteristics
0
40
80
100
140
Percent of Rated Peak Reverse Voltage, (V)
120
60
20
Fig.2 - Typical Forward Characteristics
Instantaneous Forward Voltage, (V)
0.4
1.0
10
100
0.1
0.01
0.6
1.2
1.4
1.6
0.8
1.0
Number Of Cycles At 60 HZ
Fig.3 - Maximum Forward Surge Current
1
10
100
0
200
450
400
350
300
500
1
100
150
Case Temperature, (°C)
0
10
20
40
30
50
50
With Heatsink
Glass Passivated Bridge Rectifiers
100
250
150
50
Pulse width 8.3ms
single half sine-wave
(JEDEC Method)
Fig.1 - Derating Curve Output
Rectified Current
1.0
10
100
0.1
0.01
C50VB160-G
C50VB80-G
C50VB160-G
0
40
80
100
140
120
60
20
C50VB80-G
TJ = 25°C


Similar Part No. - C50VB80-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
C50VB80-G COMCHIP-C50VB80-G Datasheet
108Kb / 3P
   Glass Passivated Bridge Rectifiers
C50VB80-G COMCHIP-C50VB80-G_15 Datasheet
108Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - C50VB80-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com