Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC084S101 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC084S101
Description  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC084S101 Datasheet(HTML) 3 Page - Texas Instruments

  ADC084S101 Datasheet HTML 1Page - Texas Instruments ADC084S101 Datasheet HTML 2Page - Texas Instruments ADC084S101 Datasheet HTML 3Page - Texas Instruments ADC084S101 Datasheet HTML 4Page - Texas Instruments ADC084S101 Datasheet HTML 5Page - Texas Instruments ADC084S101 Datasheet HTML 6Page - Texas Instruments ADC084S101 Datasheet HTML 7Page - Texas Instruments ADC084S101 Datasheet HTML 8Page - Texas Instruments ADC084S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADC104S101
www.ti.com
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage VA
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to VA +0.3V
Input Current at Any Pin(4)
±10 mA
Package Input Current(4)
±20 mA
Power Consumption at TA = 25°C
See(5)
Human Body Model
2500V
ESD Susceptibility(6)
Machine Model
250V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supply (that is, VIN < GND or VIN > VA), the current at that pin should be limited to
10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 10 mA to two. The Absolute Maximum Rating specification does not apply to the VA pin. The current into the VA pin is
limited by the Analog Supply Voltage specification.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. The values for maximum power dissipation listed above will be reached only when the device is operated in
a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is
reversed). Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through zero ohms.
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
VA Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to VA
Clock Frequency
50 kHz to 16 MHz
Analog Input Voltage
0V to VA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
Package Thermal Resistance
(1)
Package
θJA
10-lead VSSOP
190°C / W
(1)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging. Reflow temperature
profiles are different for lead-free and non-lead-free packages.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC104S101


Similar Part No. - ADC084S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC084S101 NSC-ADC084S101 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
ADC084S101 NSC-ADC084S101 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Similar Description - ADC084S101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com