Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC124S101 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADC124S101
Description  ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC124S101 Datasheet(HTML) 2 Page - Texas Instruments

  ADC124S101 Datasheet HTML 1Page - Texas Instruments ADC124S101 Datasheet HTML 2Page - Texas Instruments ADC124S101 Datasheet HTML 3Page - Texas Instruments ADC124S101 Datasheet HTML 4Page - Texas Instruments ADC124S101 Datasheet HTML 5Page - Texas Instruments ADC124S101 Datasheet HTML 6Page - Texas Instruments ADC124S101 Datasheet HTML 7Page - Texas Instruments ADC124S101 Datasheet HTML 8Page - Texas Instruments ADC124S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
IN1
IN4
MUX
T/H
SCLK
VA
GND
CS
DIN
DOUT
CONTROL
LOGIC
SUCCESSIVE
APPROXIMATION
ADC
.
.
.
GND
8-Bit
1
2
3
4
5
6
7
8
9
10
CS
SCLK
DOUT
DIN
IN1
GND
IN4
IN3
IN2
VA
ADC084S021
ADC084S021
SNAS279E – APRIL 2005 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 10-Lead VSSOP
See DGK Package
Block Diagram
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Description
ANALOG I/O
4-7
IN1 to IN4
Analog inputs. These signals can range from 0V to VA.
DIGITAL I/O
10
SCLK
Digital clock input. This clock directly controls the conversion and readout processes.
Digital data output. The output samples are clocked out at this pin on falling edges of the
9
DOUT
SCLK pin.
Digital data input. The ADC084S021's Control Register is loaded through this pin on rising
8
DIN
edges of SCLK.
Chip select. A conversion begins at the falling edge of CS. Conversions continue as long as
1
CS
CS is held low.
POWER SUPPLY
Positive supply pin. This pin should be connected to a quiet +2.7V to +5.25V source and be
2
VA
bypassed to GND with a 0.1 µF monolithic capacitor located within 1 cm of the power pin
and with a 1 µF capacitor.
3
GND
Device ground return for all signals.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC084S021


Similar Part No. - ADC124S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC124S101 NSC-ADC124S101 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
ADC124S101 NSC-ADC124S101 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S101 TI-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC124S101 TI-ADC124S101 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC124S101 TI-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Similar Description - ADC124S101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com