Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08DL500 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC08DL500
Description  ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08DL500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC08DL500_14 Datasheet HTML 3Page - Texas Instruments ADC08DL500_14 Datasheet HTML 4Page - Texas Instruments ADC08DL500_14 Datasheet HTML 5Page - Texas Instruments ADC08DL500_14 Datasheet HTML 6Page - Texas Instruments ADC08DL500_14 Datasheet HTML 7Page - Texas Instruments ADC08DL500_14 Datasheet HTML 8Page - Texas Instruments ADC08DL500_14 Datasheet HTML 9Page - Texas Instruments ADC08DL500_14 Datasheet HTML 10Page - Texas Instruments ADC08DL500_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
GND
10k
VA
GND
VA
10k
FS (PIN 14)
ADC08DL500
www.ti.com
SNAS495C – MARCH 2011 – REVISED MARCH 2011
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
Extended Control Enable. This pin always enables and
disables Extended Control Enable. When this pin is set logic
high, the extended control mode is inactive and all control of
47
ECE
the device must be through control pins only . When it is set
logic low, the extended control mode is active. This pin
overrides the Extended Control Enable signal set using pin
16.
DCLK_RST select. This pin selects whether the DCLK is
reset using a single-ended or differential signal. When this pin
is floating or logic high, the DCLK_RST operation is single-
ended and pin 16 functions as FSR/ALT_ECE. When this pin
is logic low, the DCLK_RST operation becomes differential
with functionality on pin 17 (DCLK_RST+) and pin 16
58
DRST_SEL
(DCLK_RST-). When in differential DCLK_RST mode, there
is no pin-controlled FSR and the full-scale-range is defaulted
to the higher VIN input level. When pin 47 is set logic low, the
extended control mode is active and the Full-Scale Voltage
Adjust registers can be programmed. DRST_SEL
functionality: (5)
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08DL500


Similar Part No. - ADC08DL500_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results

Similar Description - ADC08DL500_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL502 TI1-ADC08DL502 Datasheet
1Mb / 43P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com