Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR5050M Datasheet(PDF) 4 Page - Marktech Corporate

Part # TR5050M
Description  LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TR5050M Datasheet(HTML) 4 Page - Marktech Corporate

  TR5050M Datasheet HTML 1Page - Marktech Corporate TR5050M Datasheet HTML 2Page - Marktech Corporate TR5050M Datasheet HTML 3Page - Marktech Corporate TR5050M Datasheet HTML 4Page - Marktech Corporate TR5050M Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTMandTR5050MaretrademarksofCree,Inc.
4
CPR3EX Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTR5050MLEDproduct.Actualcurveswillvaryslightlyforthevarious
radiantfluxanddominantwavelengthbins.
0%
50%
100%
150%
200%
0
50
100
150
200
If (mA)
Relative Intensity vs. Forward Current
-3
-2
-1
0
1
2
3
0
50
100
150
200
If (mA)
Wavelength Shift vs. Forward Current
0%
50%
100%
150%
200%
0
50
100
150
200
If (mA)
Relative Intensity vs. Forward Current
-3
-2
-1
0
1
2
3
0
50
100
150
200
If (mA)
Wavelength Shift vs. Forward Current
0
50
100
150
200
250
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
-0.400
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0.000
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift vs Junction Temperature
0
50
100
150
200
250
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
-0.400
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0.000
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift vs Junction Temperature
70%
75%
80%
85%
90%
95%
100%
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
-2
-1
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift vs Junction Temp
70%
75%
80%
85%
90%
95%
100%
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
-2
-1
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift vs Junction Temp


Similar Part No. - TR5050M

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR5050M MARKTECH-TR5050M_15 Datasheet
375Kb / 5P
   LEDs
More results

Similar Description - TR5050M

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547_15 Datasheet
449Kb / 5P
   LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com