Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS3685A Datasheet(PDF) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part No. AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3685A Datasheet(HTML) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3685A Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
17 - 24
8
External Components
8.1 Capacitor and Resistor Selection
Use low-ESR ceramic capacitors with X7R or X5R dielectric. These capacitors allow good filtering and have a
wide temperature range. The connections of all external capacitors should be kept as short as possible. All
resistors should have a tolerance of ±1%.
8.2 Usage of PCB Wire Inductance
The inductance between the battery and pin VBAT can be used as a filter to reduce disturbance on the battery.
Instead of using one capacitor (CBAT) it is recommended to split CBAT into CBAT1 and CBAT2 with the capacitance
of
CBAT1 = CBAT2 = CBAT
It is recommended to apply a minimum of 20nH (maximum 200nH) with low impedance. This inductance can be
realized on the PCB without any discrete coil. Assuming that a 1mm signal line corresponds to approximately
1nH (valid if the length (L) is significantly bigger than the width (W) of the line (L/W <10)), a line length of
20mm < L < 200mm
is recommended. The shape of the line is not important.
Figure 25 – PCB Wire Inductance Example1
Figure 26 – PCB Wire Inductance Example2
8.3 External Component Specifications
Table
10 – External Components List
Part
Min
Value
Typ
Max
Tol
(Min)
Rating
(Max)
Notes
Package
(min)
CBAT
1
2.2
μF
+/-20%
6.3V
Ceramic, X5R
e.g. Murata GRM21BR71A225KA01L
0603
CFLY1, CFLY2
1.0
μF
+/-20%
6.3V
Ceramic, X5R
e.g. Murata GRM188R60J105K
0603
(0402, 0405)
CVCP
2.2
μF
+/-20%
6.3V
Ceramic, X5R
e.g. Murata GRM21BR71A225KA01L
0603
RISET
10k
Ω
130k
Ω
+/-1%
Current Set Resistor
0201
RTXMASK
See section ‘TXMask function’
+/-1%
TXMask Set Resistor
0201
DLED
Flash Led
Notes:
1. See section ‘Usage of PCB Wire Inductance’
Battery
Connector
VSS
VSS
AS3685
Pin VBAT
L
CBAT1
CBAT2
LTOTAL = L
Battery
Connector
VSS
VSS
AS3685
Pin VBAT
L1
CBAT1
CBAT2
LTOTAL = L1 + 10*L2


Similar Part No. - AS3685A

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
AS3685A AMSCO-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685A-ZDFT-2Y80 AMSCO-AS3685A-ZDFT-2Y80 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685A-ZWLT-2N80 AMSCO-AS3685A-ZWLT-2N80 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685A-ZWLT-2Y80 AMSCO-AS3685A-ZWLT-2Y80 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results

Similar Description - AS3685A

ManufacturerPart No.DatasheetDescription
TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TEXAS ADVANCED OPTOELEC...
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
ams AG
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685C AMSCO-AS3685C Datasheet
2Mb / 22P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
ON Semiconductor
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
Taiwan Memory Technology
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
SiGe Semiconductor, Inc.
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz