Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN920-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN920-E
Description  Single-channel high side driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN920-E Datasheet HTML 4Page - STMicroelectronics VN920-E Datasheet HTML 5Page - STMicroelectronics VN920-E Datasheet HTML 6Page - STMicroelectronics VN920-E Datasheet HTML 7Page - STMicroelectronics VN920-E Datasheet HTML 8Page - STMicroelectronics VN920-E Datasheet HTML 9Page - STMicroelectronics VN920-E Datasheet HTML 10Page - STMicroelectronics VN920-E Datasheet HTML 11Page - STMicroelectronics VN920-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical specifications
VN920-E
8/23
Doc ID 10894 Rev 4
IL(off2)
Off-state output current
VIN = VOUT = VSENSE = 3.5V
-75
µA
IL(off3)
Off-state output current
VIN = VOUT = VSENSE = 0V;
VCC = 13V; Tj = 125°C
5µA
IL(off4)
Off-state output current
VIN = VOUT = VSENSE = 0V;
VCC = 13V; Tj = 25°C
3µA
1. Vclamp and VOV are correlated. Typical difference is 5V.
Table 6.
Switching (VCC=13V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
RL = 1.3(see Figure 5)-
50
-
µs
td(off)
Turn-off delay time
RL = 1.3(see Figure 5)-
50
-
µs
dVOUT/dt(on) Turn-on voltage slope RL = 1.3(see Figure 5)
-
See Figure 15
-V/µs
dVOUT/dt(off) Turn-off voltage slope RL = 1.3(see Figure 5)
-
See Figure 16
-V/µs
Table 7.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
1.25
V
IIL
Low level input current
VIN = 1.25V
1
µA
VIH
Input high-level voltage
3.25
V
IIH
High-level input current
VIN = 3.25V
10
µA
VI(hyst) Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN = 1mA
IIN = - 1mA
66.8
- 0.7
8V
V
Table 8.
VCC output diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VF
Forward on voltage
- IOUT = 2A; Tj = 150°C
-
-
0.6
V
Table 9.
Protections(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
°C
Ilim
DC short circuit current
VCC = 13V
5V < VCC < 36V
30
45
75
75
A
A
Table 5.
Power (continued)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit


Similar Part No. - VN920-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920-E STMICROELECTRONICS-VN920-E Datasheet
383Kb / 24P
   HIGH SIDE DRIVER
More results

Similar Description - VN920-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
186Kb / 18P
   SINGLE CHANNEL HIGH SIDE DRIVER
VN920PEP-E STMICROELECTRONICS-VN920PEP-E Datasheet
427Kb / 18P
   SINGLE CHANNEL HIGH SIDE DRIVER
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
STMicroelectronics
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5025AJ-E STMICROELECTRONICS-VN5025AJ-E Datasheet
526Kb / 31P
   Single channel high side driver with analog sense
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E Datasheet
494Kb / 23P
   Single channel high side driver for automotive applications
VN5160S-E STMICROELECTRONICS-VN5160S-E Datasheet
450Kb / 31P
   Single channel high side driver for automotive applications
logo
Texas Instruments
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com