Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHV1C821MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHV1C821MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHV1C821MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UHV1C821MPD Datasheet HTML 1Page - Nichicon corporation UHV1C821MPD Datasheet HTML 2Page - Nichicon corporation UHV1C821MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
HV
series
High Ripple Low Impedance
Lower impedance at high frequency range.
Smaller case size and high ripple current.
Compliant to the RoHS directive (2011/65/EU).
Specifications
HV
HD
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Dimension table in next page.
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Radial Lead Type
Type numbering system (Example : 25V 150µF)
U
1
H
2
V
3
1
4
E
5
1
6
5
7
1
8
M
9
E
10
D
11
12
15MIN
4MIN
(mm)
φD
P
φd
10
5.0
0.6
5
2.0
0.5
12.5
5.0
16
7.5
0.6
0.8
6.3
2.5
0.5
0.6
8
3.5
Size code
Configuration
Series name
Type
Pressure
relief vent
φd
(
φ6.3up)
L+ MAX.
Capacitance tolerance (
± 20%)
Rated capacitance (150
µF)
Rated voltage (25V)
(L < 20) 1.5
(L
20) 2.0
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 · 16
HD
Configuration
Sleeve (P.E.T.)
In case L > 25 for the
φ12.5 dia. unit, lead dia. φ d = 0.8mm.
Performance Characteristics
ltem
0.21
0.18
0.15
0.13
0.11
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Marking
– 40 to +105˚C
6.3 to 35V
47 to 8200µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
tan
δ (MAX.)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25˚C / Z+20˚C
Z–40˚C / Z+20˚C
Impedance ratio
ZT / Z20 (MAX.)
6.3
10162535
22222
33333
6.3
10162535
Printed with white color letter on black sleeve.
120Hz 20˚C
120Hz
Smaller
• Please refer to page 20 about the end seal configuration.
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20
˚C after D.C. bias plus
rated ripple current is applied for 6000 hours (5000
hours for
φD=5 and 6.3) at 105˚C, the peak voltage
shall not exceed the rated voltage.
tan
δ
Within ± 25% of the initial capacitance value (6.3V 10V : ± 30%)
Less than or equal to the initial specified value
200% or less than the initial specified value
Long Life
HW
CAT.8100C


Similar Part No. - UHV1C821MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHV1C821MED NICHICON-UHV1C821MED Datasheet
81Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHV1C821MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com