Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK27 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SK27
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SK27 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SK27 Datasheet HTML 1Page - GOOD-ARK Electronics SK27 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Pulse test with PW=300 Sec, 2% Duty Cycle
(2) Mounted on P.C. Board with 8.0mm2 (0.013mm thick) copper pad areas
Symbols
SK22
SK23
SK24
SK25
SK26
SK27
SK28
SK29 SK2B
Units
Maximum repetitive peak reverse voltage
V
RRM
20
30
40
50
60
70
80
90
100
Volts
Maximum RMS voltage
V
RMS
14
21
28
35
42
49
56
63
70
Volts
Maximum DC blocking voltage
V
DC
20
30
40
50
60
70
80
90
100
Volts
Maximum average forward rectified current
at T
L=105
(see Figure 1)
I
(AV)
2.0
Amps
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
50.0
Amps
Maximum instantaneous forward voltage at 2.0A (Note 1)
V
F
0.55
0.70
0.85
Volts
Maximum DC reverse current (Note 1)
T
A=25
at rated DC blocking voltage
T
A=100
I
R
0.5
20.0
mA
Typical thermal resistance (Note 2)
R
JL
R
JA
17.0
75.0
/W
Operating junction temperature range
T
J
-50 to +125
Storage temperature range
T
STG
-50 to +150
Features
Mechanical Data
SK22 THRU SK2B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 2.0 Amperes
Plastic package has underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low profile package
Built-in strain relief
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low V
F
High surge capacity
For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260 /10 seconds at terminals
Case: SMA molded plastic
Terminals: Solder plated solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode
Weight: 0.004 ounce, 0.11 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Resistive or inductive load.
DI M E NS I O NS
DI M
i n c hes
m m
No t e
Mi n .
Ma x .
Mi n .
Ma x .
A
0 . 216
0. 226
5. 48
5. 74
B
0 . 176
0. 182
4. 48
4. 63
C
0 . 094
0. 100
2. 40
2. 55
D
0 . 170
0. 176
4. 33
4. 48
E
0 . 039
0. 055
1. 00
1. 40
F
0 . 080
0. 081
2. 03
2. 07
G
0 . 068
0. 083
1. 72
2. 10
H
0 .1 1 2
0 . 1 1 8
2 .8 5
3 .0 0
J
0 . 057
-
1 . 4 4
-
K
-
0. 018
-
0 . 4 5
L
0 . 016
-
0 . 4 0
-
M
0 . 109
0. 1 1 5
2 . 7 7
2 . 9 3
N
0 . 105
0. 107
2. 67
2. 73
P
0 . 078
0. 081
2. 00
2. 05


Similar Part No. - SK27

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK27 EIC-SK27 Datasheet
63Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SynSemi, Inc.
SK27 SYNSEMI-SK27 Datasheet
60Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SK27 SUNMATE-SK27 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Mospec Semiconductor
SK27 MOSPEC-SK27 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier rectifiers
logo
First Silicon Co., Ltd
SK27 FS-SK27 Datasheet
271Kb / 3P
   VOLTAGE 70V ~ 100V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SK27

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com