Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN1A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part No. SN1A
Description  SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SN1A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SN1A Datasheet HTML 1Page - GOOD-ARK Electronics SN1A Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) 8.0mm2 (0.013mm thick) land areas
Symbols
SN1A
SN1B
SN1D
SN1G
SN1J
SN1K
SN1M
SN13
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
1300
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
910
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
1300
Volts
Maximum average forward rectified current
at T
L=100
I
(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
V
F
1.10
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=125
I
R
5.0
200.0
A
Maximum reverse recovery time (Note 1)
T
rr
2.0
S
Typical junction capacitance (Note 2)
C
J
15.0
F
Maximum thermal resistance (Note 3)
R
JL
30.0
/W
Operating and storage temperature range
T
J, TSTG
-55 to +150
Features
SN1A THRU SN1M, SN13
SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1300 Volts
Forward Current - 1.0 Ampere
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering:
260 /10 seconds at terminals
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Case: SMA molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Weight: 0.004 ounce, 0.115 gram
DI M E NS I O NS
DI M
i n c hes
m m
No t e
Mi n .
Ma x .
Mi n .
Ma x .
A
0 . 216
0. 226
5. 48
5. 74
B
0 . 176
0. 182
4. 48
4. 63
C
0 . 094
0. 100
2. 40
2. 55
D
0 . 170
0. 176
4. 33
4. 48
E
0 . 039
0. 055
1. 00
1. 40
F
0 . 080
0. 081
2. 03
2. 07
G
0 . 068
0. 083
1. 72
2. 10
H
0 .1 1 2
0 . 1 1 8
2 .8 5
3 .0 0
J
0 . 057
-
1 . 4 4
-
K
-
0. 018
-
0 . 4 5
L
0 . 016
-
0 . 4 0
-
M
0 . 109
0. 1 1 5
2 . 7 7
2 . 9 3
N
0 . 105
0. 107
2. 67
2. 73
P
0 . 078
0. 081
2. 00
2. 05


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn