Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1C Datasheet(PDF) 2 Page - Micro Commercial Components

Part # US1C
Description  1 Amp Ultra Fast Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

US1C Datasheet(HTML) 2 Page - Micro Commercial Components

  US1C Datasheet HTML 1Page - Micro Commercial Components US1C Datasheet HTML 2Page - Micro Commercial Components US1C Datasheet HTML 3Page - Micro Commercial Components US1C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US1A
E thru US1ME
Average Forward Rectified Current - Amperes
versus
Lead Temperature -
°C
Figure 2
Forward Derating Curve
0
150
25
50
75
100
0
.2
.4
.6
.8
1.0
1.2
1.4
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
1.6
1.8
2.0
2.2
2.4
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.8
1.0
1.2
1.4
1.6
1.8
.01
.02
.04
.06
.1
.2
.4
.6
1
2
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pF
versus
Reverse Voltage - Volts
pF
Volts
60
40
4
400
1000
MCC
TJ=25
°C
US1A
E-1GE
US1J
E-1ME
US1A
E-1DE
TJ=25
°C
US1G
E
US1J
E-1ME
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Revision: C
2014/01/14


Similar Part No. - US1C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
US1C CHENYI-US1C Datasheet
872Kb / 3P
   1Amp ultra fast rectifier 50to800 volts
logo
Micro Commercial Compon...
US1C MCC-US1C Datasheet
282Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1C MCC-US1C Datasheet
285Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1CE MCC-US1CE Datasheet
212Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
logo
Guangdong Kexin Industr...
US1CF KEXIN-US1CF Datasheet
1Mb / 3P
   Ultra Fast Recovery Diodes
More results

Similar Description - US1C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1AE MCC-US1AE Datasheet
212Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1JFL-TP MCC-US1JFL-TP Datasheet
356Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1J-TP MCC-US1J-TP Datasheet
334Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1M-TP MCC-US1M-TP Datasheet
285Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1A MCC-US1A Datasheet
282Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
UFM13PL-TP MCC-UFM13PL-TP Datasheet
304Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com