Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-4452 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-4452
Description  Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L-4452 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-4452 Datasheet HTML 1Page - List of Unclassifed Manufacturers L-4452 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stripmaster Wire Stripper Blade Set for 45-092 Wire
Stripper
Catalog # L-4421
Features
q
Knife-type blades
q
Strips wire up to 7/8 in. (22mm)
q
Handles #10 AWG to #22 AWG wire


Similar Part No. - L-4452

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-442 RHOMBUS-IND-L-442 Datasheet
24Kb / 1P
   Common Mode EMI Suppression Inductor
logo
Kingbright Corporation
L-44GD KINGBRIGHT-L-44GD Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
L-44HD KINGBRIGHT-L-44HD Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
L-44ID KINGBRIGHT-L-44ID Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
L-44YD KINGBRIGHT-L-44YD Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
More results

Similar Description - L-4452

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63817-0000 MOLEX-63817-0000 Datasheet
120Kb / 1P
   Manual Wire Stripper
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
   Manual Wire Stripper
63817-1200 MOLEX-63817-1200 Datasheet
452Kb / 3P
   Manual Wire Stripper Tool
03-06-18
63817-1300 MOLEX-63817-1300 Datasheet
425Kb / 2P
   Micro Precision Wire Stripper
09-19-17
ATS-638170000 MOLEX-ATS-638170000 Datasheet
383Kb / 3P
   Manual Wire Stripper Tool
10-29-10
ATS-638171400 MOLEX-ATS-638171400 Datasheet
425Kb / 2P
   Micro Precision Wire Stripper
09-19-17
63817-1100 MOLEX-63817-1100 Datasheet
985Kb / 4P
   Manual Wire Stripper Tool
05-18-17
ATS-640160040 MOLEX-ATS-640160040 Datasheet
108Kb / 2P
   Manual Wire Stripper Tool
07-09-12
ATS-638170800 MOLEX-ATS-638170800 Datasheet
425Kb / 2P
   Micro Precision Wire Stripper
09-19-17
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
   Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com