Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK12 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SK12
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SK12 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SK12 Datasheet HTML 1Page - GOOD-ARK Electronics SK12 Datasheet HTML 2Page - GOOD-ARK Electronics SK12 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes:
(1) Pulse test: Pulse width 300uSec, duty cycle 2%.
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Symbols
SK12
SK13
SK14
SK15
SK16
SK17
SK18
SK19
SK1B
Units
Maximum repetitive peak reverse voltage
V
RRM
20
30
40
50
60
70
80
90
100
Volts
Maximum RMS voltage
V
RMS
14
21
28
35
42
49
56
63
70
Volts
Maximum DC blocking voltage
V
DC
20
30
40
50
60
70
80
90
100
Volts
Average forward current at T
J=90
I
F(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave
I
FSM
50.0
Amps
Maximum instantaneous forward voltage at
I
FM=1.0A, TJ=25
(Note 1)
V
F
0.45
0.55
0.60
0.72
0.80
Volts
Maximum DC reverse current
T
J=25
at rated DC blocking voltage
I
R
0.5
mA
Typical junction capacitance (Note 2)
C
J
230
50
F
Maximum thermal resistance
R
JL
15
/W
Operating and storage temperature range
T
J, TSTG
-65 to +175
Features
Mechanical Data
SK12 THRU SK1B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 1.0 Ampere
Schottky barrier rectifier
Guardring protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
Case: SMA molded plastic body
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.004 ounce, 0.11 gram
Maximum Ratings and Electrical Characteristics @25 unless otherwise specified
1
DI M E NS I O NS
DI M
i n c hes
m m
No t e
Mi n .
Ma x .
Mi n .
Ma x .
A
0 . 216
0. 226
5. 48
5. 74
B
0 . 176
0. 182
4. 48
4. 63
C
0 . 094
0. 100
2. 40
2. 55
D
0 . 170
0. 176
4. 33
4. 48
E
0 . 039
0. 055
1. 00
1. 40
F
0 . 080
0. 081
2. 03
2. 07
G
0 . 068
0. 083
1. 72
2. 10
H
0 .1 1 2
0 . 1 1 8
2 .8 5
3 .0 0
J
0 . 057
-
1 . 4 4
-
K
-
0. 018
-
0 . 4 5
L
0 . 016
-
0 . 4 0
-
M
0 . 109
0. 1 1 5
2 . 7 7
2 . 9 3
N
0 . 105
0. 107
2. 67
2. 73
P
0 . 078
0. 081
2. 00
2. 05


Similar Part No. - SK12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Nantong Hornby Electron...
SK12 HORNBY-SK12 Datasheet
315Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SK12 GXELECTRONICS-SK12 Datasheet
377Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shunye Enterprise
SK12 SHUNYE-SK12 Datasheet
232Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SK12 WTE-SK12 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SK12

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com