Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N470000 Datasheet(PDF) 1 Page - E-SWITCH

Part # N470000
Description  INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N470000 Datasheet(HTML) 1 Page - E-SWITCH

  N470000 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
DETAIL A
SCALE 10 : 1
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TD4700AQ
5:1
9/27/2013
N470000
A
rc
1
1
A
4
2
13
4
2
13
4
3
1
2
.65
[.026 in]
A
21286
New Release
10/28/13
rc
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 1mA @ 5VDC
5. OPERATING POINT = 2.20 mm
6. OPERATING FORCE:
50 gf
7. CONTACT RESISTANCE: 2 OHMS MAX. (INITIAL)
8. ELECTRICAL LIFE: 100,000 min.
9. INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
10. OPERATING TEMPERATURE: -10° C TO 60° C
11. DIELECTRIC STRENGTH: 100 VAC FOR 1 MINUTE.
12. PACKAGING: 2,600 PER REEL
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
1
2
3
4
SCHEMATIC
N.O.
P.C. LAYOUT
2
4
.10
[.004 in]
2.53
[.100 in]
2.20
[.086 in]
OPERATING POINT
1.20
[.047 in]
2.50
[.098 in]
1.50
[.059 in]
(TOTAL TRAVEL)
.50
[.020 in]
3.30
[.130 in]
.70
[.028 in]
3.50
[.138 in]
2.10
[.083 in]
3.60
[.142 in]
2.80
[.110 in]
1.00
[.039 in]


Similar Part No. - N470000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N470001 E-SWITCH-N470001 Datasheet
114Kb / 1P
   INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
More results

Similar Description - N470000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N802002 E-SWITCH-N802002 Datasheet
81Kb / 1P
   INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N470001 E-SWITCH-N470001 Datasheet
114Kb / 1P
   INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
   INSULATION RESISTANCE 100M1 @ 100VDC
N211129 E-SWITCH-N211129 Datasheet
93Kb / 1P
   INSULATION RESISTANCE 100M) @ 100VDC
N211128 E-SWITCH-N211128 Datasheet
113Kb / 1P
   INSULATION RESISTANCE 100M OHMS@100VDC
N211127 E-SWITCH-N211127 Datasheet
112Kb / 1P
   INSULATION RESISTANCE 100M OHMS@100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
   INSULATION RESISTANCE 100M OHMS@100VDC
N411110 E-SWITCH-N411110 Datasheet
156Kb / 1P
   INSULATION RESISTANCE: 100MW MIN @ 500VDC
logo
CUI INC
PJ-049 CUI-PJ-049 Datasheet
261Kb / 1P
   INSULATION RESISTANCE: 100M OHMS MIN : 500V DC
PP-016 CUI-PP-016 Datasheet
215Kb / 1P
   INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com