Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF14 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SF14
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SF14 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SF14 Datasheet HTML 1Page - GOOD-ARK Electronics SF14 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Symbols
SF11
SF12
SF13
SF14
SF15
SF16
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
300
400
600
Volts
Maximum RMS voltage
V
RMS
35
70
140
210
280
420
Volts
Maximum DC blocking voltage
V
DC
50
100
200
300
400
600
Volts
Maximum average forward current
0.375" (9.5mm) lead length at T
A=55
I
(AV)
1.0
Amp
Peak forward surge current, I
FM (surge):
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum forward voltage at 1.0A DC
V
F
0.95
1.27
1.75
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=150
I
R
5.0
50.0
A
Maximum reverse recovery time (Note 1)
T
rr
35.0
nS
Typical junction capacitance (Note 2)
C
J
15
10
F
Operating and storage temperature range
T
J, TSTG
-65 to +150
Features
Mechanical Data
SF11 THRU SF16
GLASS PASSIVATED SUPER FAST RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
High reliability
Low leakage
Low forward voltage
High current capability
Super fast switching speed
High surge capability
Good for switching mode circuit
Glass passivated junction
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.335 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - SF14

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF14 MOSPEC-SF14 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF14 SAMYANG-SF14 Datasheet
448Kb / 2P
   SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF14 TSC-SF14 Datasheet
566Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Rugao Dachang Electroni...
SF14 DACHANG-SF14 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
More results

Similar Description - SF14

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF161CTD SEMTECH_ELEC-SF161CTD Datasheet
397Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
SF81R SEMTECH_ELEC-SF81R Datasheet
380Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020 JINGHENG-MURF1020 Datasheet
55Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020CT JINGHENG-MURF1020CT Datasheet
61Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com