Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB130S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SB130S
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB130S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SB130S Datasheet HTML 1Page - GOOD-ARK Electronics SB130S Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC
(2) Thermal resistance junction to ambient
Symbols
SB
120S
SB
130S
SB
140S
SB
150S
SB
160S
SB
180S
SB
1B0S
Units
Maximum repetitive peak reverse voltage
V
RRM
20
30
40
50
60
80
100
Volts
Maximum RMS voltage
V
RMS
14
21
28
35
42
56
70
Volts
Maximum DC blocking voltage
V
DC
20
30
40
50
60
80
100
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
L=90
I
(AV)
1.0
Amp
Peak forward surge current, I
FM (surge):
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum forward voltage at 1.0A
V
F
0.55
0.70
0.85
Volts
Maximum full load reverse current, full cycle
average at T
A=75
I
R(AV)
30.0
mA
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
1.0
10.0
mA
Typical junction capacitance (Note 1)
C
J
110.0
F
Typical thermal resistance (Note 2)
R
JA
80.0
/W
Operating and storage temperature range
T
J, TSTG
-50 to +125
Features
Mechanical Data
SB120S THRU SB1B0S
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 1.0 Ampere
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame retardant epoxy molding compound
1.0 ampere operation at T
L=90
with no thermal runaway
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Case: Molded plastic, A-405
Terminals: Axial leads, solderable per
MIL-STD-202, method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.008 ounce, 0.22 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.020
0.024
0.5
0.6
D
1.000
-
25.40
-


Similar Part No. - SB130S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB130S PANJIT-SB130S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Luguang Electr...
SB130S LUGUANG-SB130S Datasheet
1Mb / 2P
   Schottky Barrier Rectifiers
logo
Transys Electronics
SB130S TRSYS-SB130S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB130S PANJIT-SB130S Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SB130S SY-SB130S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB130S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com