Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL205G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # RL205G
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

RL205G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  RL205G Datasheet HTML 1Page - GOOD-ARK Electronics RL205G Datasheet HTML 2Page - GOOD-ARK Electronics RL205G Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
(1) Pulse test: Pulse width 300uSec, Duty cycle 1%
Symbols
RL
201G
RL
202G
RL
203G
RL
204G
RL
205G
RL
206G
RL
207G
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Average forward current T
A=75
I
(AV)
2.0
Amps
Peak forward surge current
8.3mS half sine-wave
I
FSM
60.0
Amps
Maximum instantaneous
I
FM=2.0A; TA=25
forward voltage
(Note 1)
V
F
1.0
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
5.0
50.0
A
Typical junction capacitance
Measure at 1.0MHz,
V
R=4.0V
C
J
20
F
Typical thermal resistance
R
JA
50
/W
Operating and storage temperature range
T
J, TSTG
-65 to +175
Features
RL201G THRU RL207G
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
Maximum Ratings and Electrical Characteristics @25 unless otherwise specified
1
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.228
0.299
5.8
7.6
B
0.102
0.142
2.6
3.6
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-
Mechanical Data
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame retardant epoxy molding compound
2.0 ampere operation at T
A=75
with no
thermal runaway
Glass passivated junction in DO-15 package
Case: Molded plastic, DO-15
Terminals: Axial leads, solderable per
MIL-STD-202, method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.014 ounce, 0.395 gram


Similar Part No. - RL205G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL205G RECTRON-RL205G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Rugao Dachang Electroni...
RL205G DACHANG-RL205G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
logo
Shanghai Shunye Electro...
RL205G SHUNYE-RL205G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Jinan Gude Electronic D...
RL205G JGD-RL205G Datasheet
128Kb / 2P
   2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
SeCoS Halbleitertechnol...
RL205G SECOS-RL205G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
More results

Similar Description - RL205G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com