Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RL251 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part No. RL251
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

RL251 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  RL251 Datasheet HTML 1Page - GOOD-ARK Electronics RL251 Datasheet HTML 2Page - GOOD-ARK Electronics RL251 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes:
(1) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(2) Pulse test: pulse width 300uSec, Duty cycle 1%
Symbols
RL251
RL252
RL253
RL254
RL255
RL256
RL257
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Maximum average forward current
at T
A=75
I
(AV)
2.5
Amps
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
150.0
Amps
Maximum instantaneous forward voltage at
I
FM=2.5A, TA=25
(Note 2)
V
F
1.0
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
5.0
50.0
A
Typical junction capacitance (Note 1)
C
J
35.0
F
Typical thermal resistance
R
JA
35
/W
Operating and storage temperature range
T
J, TSTG
-65 to +175
Features
RL251 THRU RL257
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.5 Amperes
Maximum Ratings and Electrical Characteristics @25 unless otherwise specified
1
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.138
0.161
3.50
4.10
B
0.138
0.161
3.50
4.10
C
0.040
0.043
1.00
1.10
D
1.000
-
25.40
-
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High surge current capability
2.5 ampere operation at T
A=75
with no thermal runaway
Low reverse leakage
Construction utilizes void-free molded plastic technique
High temperature soldering guaranteed:
250 /10 seconds, 0.375” (9.5mm) lead length,
5 lbs. (2.3Kg) tension
Mechanical Data
Case: R-3 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.021 ounce, 0.60 gram


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N5400GENERAL PURPOSE PLASTIC RECTIFIER 1 2 General Semiconductor
RL151GENERAL PURPOSE PLASTIC RECTIFIER 1 2 GOOD-ARK Electronics
GI500GENERAL PURPOSE PLASTIC RECTIFIER 1 2 General Semiconductor
RL201GENERAL PURPOSE PLASTIC RECTIFIER 1 2 3 GOOD-ARK Electronics
M100AGENERAL PURPOSE PLASTIC RECTIFIER 1 2 General Semiconductor
SN1ASURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER 1 2 GOOD-ARK Electronics
NS8ATGLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER 1 2 General Semiconductor
NSB8ATGLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER 1 2 General Semiconductor
SN3ASURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER 1 2 GOOD-ARK Electronics
EM513GENERAL PURPOSE PLASTIC SILICON RECTIFIER 1 2 3 4 5 Continental Device India Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn