Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC1D18M7 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LC1D18M7
Description  Contactorsand Thermal Overload Relays from 6to 2750 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D18M7 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LC1D18M7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC1D18M7 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For heavy-duty applications,
contactors designed to switch
up to 2750 amps
Protection
and intelligence
combined
Protect your motor
from damaging
over-temperatures
s
The LT6-P electronic multifunction protection relay is ideally
suited to high performance applications. It provides protection
for your motors in virtually any application or operating condition.
s
It enables automatic control of different methods of starting:
s
cross-line (reversing or non-reversing)
s
star/delta
s
2-speed
s
All the functionalities are programmable with parameters entered
locally or using a PC software.
s
It integrates into all the most complex automation systems
through its communication functions on UNITELWAY
®,
JBUS
, MODBUS® protocols.
s
The LT3-S thermistor relay provides complementary protection
by direct measurement of the temperature of motors equipped
with PTC thermistor probes, for operation:
s
in hard ambient conditions: high temperature, dust, humidity
s
with severe duty: fast operating cycles, use of DC injection braking.
CV1 Contactors
s
For loads up to 950 amps inductive, 1000 amps resistive
s
Voltage up to 660 VAC or 440 VDC
s
Frequency up to 200 Hz
s
Maximum of 5 NO or NC power poles
s
Maximum of 7 NO or NC auxiliary poles
CV3 Contactors
s
For loads up to 1800 amps inductive, 2750 amps resistive
s
Voltage up to 1000 VAC or 1500 VDC
s
Frequency up to 400 Hz
s
Maximum of 5 NO or NC power poles
s
Maximum of 7 NO or NC auxiliary poles
INTEGRALSelf-Protected Starters
TELEMECANIQUE
® INTEGRAL self-protected starters combine
circuit breaker, contactor and dual function overload relay for
coordinated circuit protection. INTEGRAL starters are the only self-
protected starters to have UL/CSA verification for Type 2 coordinated
protection. INTEGRAL starters can reduce panel space requirements
by 40 to 60%. 18A, 32A and 63A models are available.
Request document
8539CT9201R6/97
Manual Starter and Protector
The TELEMECANIQUE GV2 and GV3 devices incorporate a manual
disconnect, overload relay and instantaneous magnetic trip mechanism
in one compact device. They can be used as standalone manual
starters or to protect each branch circuit of a group motor installation.
Request document
252OCT9501R6/97
Enclosed IEC Starters
D-Line starters and INTEGRAL self-protected starters are available
in metal NEMA Type 1 and 12 enclosures. These enclosed devices
utilize INSTAKIT
components for the addition of cover mounted
pilot devices. INSTAKIT components are pre-wired control operator
kits that use a universal connector for quick, easy installation.
Request following documents
9502HO9401R0996 - INSTAKIT pre-wired starter access
9502HO9402R0996 - D-Line non-combination starters
9502HO9403R0996 - INTEGRAL starters
8502CT0101 - IEC SMCE contactors and starters
8502BR0102-TeSys-The New D-LINE
D-Line, K-Line and F-Line contactors and overload relays are the
largest selling motor starting and protection devices in the world. They
offer starting for motors up to 800 hp at 480 AC volts and switching
of resistive loads up to 1350 amps. They are UL-listed, CSA-certified
and CE-marked for use in North America and around the world.
Get more with the world’s Power & Control specialist.
Contactorsand
Thermal Overload Relays from 6 to 2750 A
Schneider Electric Brands
Order Number 8502BR0101
Printed in U.S.A.
© 2001 Schneider Electric
All Rights Reserved
Visit the Square D web site
at www.SquareD.com


Similar Part No. - LC1D18M7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D18 SCHNEIDER-LC1D18 Datasheet
971Kb / 2P
   AC/DC
LC1D18 SCHNEIDER-LC1D18 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D183B7 SCHNEIDER-LC1D183B7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V AC coil
LC1D183BD SCHNEIDER-LC1D183BD Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
LC1D183BL SCHNEIDER-LC1D183BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
More results

Similar Description - LC1D18M7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
   Contactorsand Thermal Overload Relays from 6to 2750 A
logo
Schneider Electric
LR3D08 SCHNEIDER-LR3D08 Datasheet
181Kb / 3P
   TeSys LRD thermal overload relays - 2.5...4 A - v
LRD21L SCHNEIDER-LRD21L Datasheet
139Kb / 3P
   TeSys LRD thermal overload relays - 12...18 A - class 20
LRD066 SCHNEIDER-LRD066 Datasheet
185Kb / 3P
   TeSys LRD thermal overload relays - 1...1.6 A - class 10A
LRD083 SCHNEIDER-LRD083 Datasheet
144Kb / 3P
   TeSys LRD thermal overload relays - 2.5...4 A - class 10A
LRD12L SCHNEIDER-LRD12L_V01 Datasheet
116Kb / 3P
   TeSys Deca thermal overload relays - 5.5...8 A - class 20
May 25, 2022
LR3D3522 SCHNEIDER-LR3D3522 Datasheet
161Kb / 3P
   TeSys LRD thermal overload relays - 17...25 A - class 20
LR3D3656 SCHNEIDER-LR3D3656 Datasheet
136Kb / 3P
   TeSys LRD thermal overload relays - 48...65 A - class 10A
LRD05L6 SCHNEIDER-LRD05L6 Datasheet
130Kb / 3P
   TeSys LRD thermal overload relays - 0.63...1 A - class 20
LR3D05L6 SCHNEIDER-LR3D05L6 Datasheet
130Kb / 3P
   TeSys LRD thermal overload relays - 0.63...1 A - class 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com