Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2330SPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2330SPBF
Description  3-PHASE-BRIDGE DRIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2330SPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2330SPBF Datasheet HTML 2Page - International Rectifier IRS2330SPBF Datasheet HTML 3Page - International Rectifier IRS2330SPBF Datasheet HTML 4Page - International Rectifier IRS2330SPBF Datasheet HTML 5Page - International Rectifier IRS2330SPBF Datasheet HTML 6Page - International Rectifier IRS2330SPBF Datasheet HTML 7Page - International Rectifier IRS2330SPBF Datasheet HTML 8Page - International Rectifier IRS2330SPBF Datasheet HTML 9Page - International Rectifier IRS2330SPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.irf.com
6
IRS233(0,2)(D)(S&J)PbF
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS and TA = 25 °C unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3. The VO and IO parameters
are referenced to VSO1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
Definition
Min Typ Max Units Test Conditions
VIH
Logic “0” input voltage (OUT = LO)
2.2
VIL
Logic “1” input voltage (OUT = HI)
0.8
V
VIT,TH+
ITRIP input positive going threshold
400
490
580
VOH
High level output voltage, VBIAS - VO
1000
VIN = 0 V, IO = 20 mA
VOL
Low level output voltage, VO
400
mV
VIN = 5 V, IO = 20 mA
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
30
50
A
VIN = 0 V or 4 V
IQCC
Quiescent VCC supply current
4.0
6.2
mA
VIN = 4 V
IIN+
Logic “1” input bias current (OUT =HI)
-400
-300
-100
VIN = 0 V
IIN-
Logic “0” input bias current (OUT = LO)
-300
-220
-100
VIN = 4 V
IITRIP+
“High” ITRIP bias current
5
10
A
ITRIP = 4 V
IITRIP-
“LOW” ITRIP bias current
30
nA
ITRIP = 0 V
VBSUV+
VBS supply undervoltage
positive going threshold
7.5
8.35
9.2
VBSUV-
VBS supply undervoltage
negative going threshold
7.1
7.95
8.8
VCCUV+
VCC supply undervoltage
positive going threshold
8.3
9
9.7
VCCUV-
VCC supply undervoltage
negative going threshold
8
8.7
9.4
VCCUVH
Hysteresis
0.3
VBSUVH
Hysteresis
0.4
V
Ron, FLT
FAULT low on-resistance
55
75
IO+
Output high short circuit pulsed current
-250
-180
VO = 0 V, VIN = 0 V
PW ≤ 10 us
IO-
Output low short circuit pulsed current
420
500
mA
VO = 15 V, VIN = 5 V
PW ≤ 10 us
RBS
Integrated bootstrap diode resistance
200
VOS
Operational amplifier input offset voltage
20
mV
VSO = 0.2 V
ICA-
CA- input bias current
100
nA
VCA- = 1 V
CMRR
Operational amplifier common mode
rejection ratio
80
VSO = 0.1 V & 5 V
PSRR
Operational amplifier power supply
rejection ratio
75
dB
VSO = 0.2 V
VCC = 9.7 V & 20 V
VOH,AMP
Operational amplifier high level output
voltage
4.8
5.2
5.6
V
VCA- = 0 V, VSO =1 V
VOL,AMP
Operational amplifier low level output
voltage
40
mV
VCA- = 1 V, VSO =0 V
Note: The integrated bootstrap diode does not work well with the trapezoidal control.


Similar Part No. - IRS2330SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2330DJPBF IRF-IRS2330DJPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330DJTRPBF IRF-IRS2330DJTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330DSPBF IRF-IRS2330DSPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330DSTRPBF IRF-IRS2330DSTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IRS2330PBF IRF-IRS2330PBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
More results

Similar Description - IRS2330SPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com